Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1513 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1513
Description  SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1513 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1513 Datasheet HTML 3Page - Linear Technology LT1513 Datasheet HTML 4Page - Linear Technology LT1513 Datasheet HTML 5Page - Linear Technology LT1513 Datasheet HTML 6Page - Linear Technology LT1513 Datasheet HTML 7Page - Linear Technology LT1513 Datasheet HTML 8Page - Linear Technology LT1513 Datasheet HTML 9Page - Linear Technology LT1513 Datasheet HTML 10Page - Linear Technology LT1513 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1513/LT1513-2
APPLICATIONS INFORMATION
The LT1513 is an IC battery charger chip specifically opti-
mized to use the SEPIC converter topology. A complete
charger schematic is shown in Figure 1. The SEPIC topology
has unique advantages for battery charging. It will operate
with input voltages above, equal to or below the battery
voltage, has no path for battery discharge when turned off,
and eliminates the snubber losses of flyback designs. It also
has a current sense point that is ground referred and need
not be connected directly to the battery. The two inductors
shown are actually just two identical windings on one
inductor core, although two separate inductors can be used.
A current sense voltage is generated with respect to ground
across R3 in Figure 1. The average current through R3 is
always identical to the current delivered to the battery. The
LT1513 current limit loop will servo the voltage across R3
to – 100mV when the battery voltage is below the voltage
limit set by the output divider R1/R2. Constant-current
charging is therefore set at 100mV/R3. R4 and C4 filter the
current signal to deliver a smooth feedback voltage to the IFB
pin. R1 and R2 form a divider for battery voltage sensing and
set the battery float voltage. The suggested value for R2 is
12.4k. R1 is calculated from:
R
RV
RA
BAT
1
2
1 245
1 245
2 0 3
=
+µ
(– .
)
.( .
)
VBAT = battery float voltage
0.3
µA = typical FB pin bias current
A value of 12.4k for R2 sets divider current at 100
µA. This is
a constant drain on the battery when power to the charger is
off. If this drain is too high, R2 can be increased to 41.2k,
reducing divider current to 30
µA. This introduces an addi-
tional uncorrectable error to the constant voltage float mode
of about
±0.5% as calculated by:
V
Error =
0.15 A(R1)(R2)
1.245(R1+ R2)
BAT
±µ
±0.15µA = expected variation in FB bias current around the
nominal 0.3
µA typical value.
With R2 = 41.2k and R1 = 228k, (VBAT = 8.2V), the error due
to variations in bias current would be
±0.42%.
A second option is to disconnect the divider when charger
power is off. This can be done with a small NFET as shown in
Figure 3. D2, C6 and R6 form a peak detector to drive the gate
of the FET to about the same as the battery voltage. If power
is turned off, the gate will drop to 0V and the only drain on the
battery will be the reverse leakage of the catch diode D1. See
Diode Selection for a discussion of diode leakage.
LT1513
VIN
L1A
L1B
GND
VFB
1513 F03
VSW
ADAPTER
INPUT
C2
SCHEMATIC SIMPLIFIED FOR CLARITY
D2 = 1N914, 1N4148 OR EQUIVALENT
C6
470pF
R6
470k
R3
R1
R2
D2
D1
C1
+
Figure 3. Eliminating Divider Current
Maximum Input Voltage
Maximum input voltage for the LT1513 is partly determined
by battery voltage. A SEPIC converter has a maximum
switch voltage equal to input voltage plus output voltage.
The LT1513 has a maximum input voltage of 30V and a
maximum switch voltage of 40V, so this limits maximum
input voltage to 30V, or 40V – VBAT, whichever is less.
Shutdown and Synchronization
The dual function S/S pin provides easy shutdown and
synchronization. It is logic level compatible and can be
pulled high or left floating for normal operation. A logic low
on the S/S pin activates shutdown, reducing input supply
current to 12
µA.Tosynchronizeswitching,drivetheS/Spin
between 600kHz and 800kHz.
Inductor Selection
L1A and L1B are normally just two identical windings on one
core, although two separate inductors can be used. A typical
value is 10
µH, which gives about 0.5A peak-to-peak induc-
tor current. Lower values will give higher ripple current,
which reduces maximum charging current. 5
µHcanbeused
if charging currents are at least 20% lower than the values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com