Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1528 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1528
Description  3A Low Dropout Regulator for Microprocessor Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1528 Datasheet(HTML) 2 Page - Linear Technology

  LT1528 Datasheet HTML 1Page - Linear Technology LT1528 Datasheet HTML 2Page - Linear Technology LT1528 Datasheet HTML 3Page - Linear Technology LT1528 Datasheet HTML 4Page - Linear Technology LT1528 Datasheet HTML 5Page - Linear Technology LT1528 Datasheet HTML 6Page - Linear Technology LT1528 Datasheet HTML 7Page - Linear Technology LT1528 Datasheet HTML 8Page - Linear Technology LT1528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1528
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range ................. – 65
°C to 150°C
Operating Junction Temperature Range
LT1528C ............................................... 0
°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
*For applications requiring input voltage ratings greater than 15V, contact
the factory.
ORDER PART
NUMBER
LT1528CT
ORDER PART
NUMBER
LT1528CQ
TJMAX = 125°C, θJA = 30°C/ W
Consult factory for Industrial and Military grade parts.
Input Voltage .......................................................
±15V*
Output Pin Reverse Current .................................. 10mA
Sense Pin Current ................................................. 10mA
Shutdown Pin Input Voltage (Note 1) .......... 6.5V, – 0.6V
Shutdown Pin Input Current (Note 1) ..................... 5mA
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltages (Notes 2, 3)
VIN = 3.8V, IOUT = 1mA, TJ = 25°C
3.250
3.300
3.350
V
4.3V < VIN < 15V, 1mA < IOUT < 3A
q
3.200
3.300
3.400
V
Line Regulation (Note 3)
∆VIN = 3.8V to 15V, IOUT = 1mA
q
1.5
10
mV
Load Regulation (Note 3)
∆ILOAD = 1mA to 3A, VIN = 4.3V,TJ = 25°C12
20
mV
∆ILOAD = 1mA to 3A, VIN = 4.3V
q
15
30
mV
Dropout Voltage (Note 4)
ILOAD = 10mA, TJ = 25°C
70
110
mV
ILOAD = 10mA
q
150
mV
ILOAD = 100mA, TJ = 25°C
150
200
mV
ILOAD = 100mA
q
250
mV
ILOAD = 700mA, TJ = 25°C
280
320
mV
ILOAD = 700mA
q
420
mV
ILOAD = 1.5A, TJ = 25°C
390
450
mV
ILOAD = 1.5A
q
600
mV
ILOAD = 3A, TJ = 25°C
570
670
mV
ILOAD = 3A
q
850
mV
VIN
SHDN
GND
SENSE
OUTPUT
Q PACKAGE
5-LEAD PLASTIC DD PAK
FRONT VIEW
5
4
3
2
1
TAB
IS
GND
T PACKAGE
5-LEAD PLASTIC TO-220
FRONT VIEW
5
4
3
2
1
VIN
SHDN
GND
SENSE
OUTPUT
TAB IS
GND
TJMAX = 125°C, θJA = 50°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com