Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1372 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1372
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1372 Datasheet HTML 9Page - Linear Technology LT1372 Datasheet HTML 10Page - Linear Technology LT1372 Datasheet HTML 11Page - Linear Technology LT1372 Datasheet HTML 12Page - Linear Technology LT1372 Datasheet HTML 13Page - Linear Technology LT1372 Datasheet HTML 14Page - Linear Technology LT1372 Datasheet HTML 15Page - Linear Technology LT1372 Datasheet HTML 16Page - Linear Technology LT1372 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1506
APPLICATIONS INFORMATION
and does not fall to less than 1/3 of nominal output voltage,
foldback will not take effect. With the overloaded condi-
tion, output current will increase to a typical value of 5.7A,
determined by peak switch current limit of 6A. With
VIN = 15V, VOUT = 4V (5V overloaded) and IOUT = 5.7A:
IA
D AVG
()=
()
=
5 7 15 4
15
418
.
.
This is safe for short periods of time, but it would be
prudent to check with the diode manufacturer if continu-
ous operation under these conditions must be tolerated.
BOOST PIN CONSIDERATIONS
For most applications, the boost components are a 0.27
µF
capacitor and a 1N914 or 1N4148 diode. The anode is
connected to the regulated output voltage and this gener-
ates a voltage across the boost capacitor nearly identical
to the regulated output. In certain applications, the anode
may instead be connected to the unregulated input volt-
age. This could be necessary if the regulated output
voltage is very low (< 3V) or if the input voltage is less than
5V. Efficiency is not affected by the capacitor value, but the
capacitor should have an ESR of less than 1
Ω to ensure
that it can be recharged fully under the worst-case condi-
tion of minimum input voltage. Almost any type of film or
ceramic capacitor will work fine.
For nearly all applications, a 0.27
µF boost capacitor works
just fine, but for the curious, more details are provided
here. The size of the boost capacitor is determined by
switch drive current requirements. During switch on time,
drain current on the capacitor is approximately IOUT/ 50. At
peak load current of 4.25A, this gives a total drain of 85mA.
Capacitor ripple voltage is equal to the product of on time
and drain current divided by capacitor value;
∆V = (tON)(85mA/C). To keep capacitor ripple voltage to
less than 0.6V (a slightly arbitrary number) at the worst-
case condition of tON = 1.8µs, the capacitor needs to be
0.27
µF. Boost capacitor ripple voltage is not a critical
parameter, but if the minimum voltage across the capaci-
tor drops to less than 3V, the power switch may not
saturate fully and efficiency will drop. An
approximate
formula for absolute minimum capacitor value is:
C
IV
V
fV
V
MIN
OUT
OUT
IN
OUT
= ()(
)
()
()
//
.
50
28
f = Switching frequency
VOUT = Regulated output voltage
VIN = Minimum input voltage
This formula can yield capacitor values substantially less
than 0.27
µF, but it should be used with caution since it
does not take into account secondary factors such as
capacitor series resistance, capacitance shift with tem-
perature and output overload.
SHUTDOWN FUNCTION AND UNDERVOLTAGE
LOCKOUT
Figure 4 shows how to add undervoltage lockout (UVLO)
to the LT1506. Typically, ULVO is used in situations where
the input supply is
current limited, or has a relatively high
source resistance. A switching regulator draws constant
power from the source, so source current increases as
source voltage drops. This looks like a negative resistance
load to the source and can cause the source to current limit
or latch low under low source voltage conditions. ULVO
prevents the regulator from operating at source voltages
where these problems might occur.
Threshold voltage for lockout is about 2.38V, slightly less
than the internal 2.42V reference voltage. A 3.5
µA bias
current flows
out of the pin at threshold. This internally
generated current is used to force a default high state on
the shutdown pin if the pin is left open. When low shut-
down current is not an issue, the error due to this current
can be minimized by making RLO 10k or less. If shutdown
current is an issue, RLO can be raised to 100k, but the error
due to initial bias current and changes with temperature
should be considered.
Rk
R
RV
V
VR
A
LO
HI
LO
IN
LO
=
()
=
()
()
10
238
238
3 5
to 100k 25k suggested
.
.. µ
VIN = Minimum input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com