Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1575 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1575
Description  Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1575 Datasheet(HTML) 2 Page - Linear Technology

  LT1575 Datasheet HTML 1Page - Linear Technology LT1575 Datasheet HTML 2Page - Linear Technology LT1575 Datasheet HTML 3Page - Linear Technology LT1575 Datasheet HTML 4Page - Linear Technology LT1575 Datasheet HTML 5Page - Linear Technology LT1575 Datasheet HTML 6Page - Linear Technology LT1575 Datasheet HTML 7Page - Linear Technology LT1575 Datasheet HTML 8Page - Linear Technology LT1575 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1575/LT1577
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Note 1)
VIN, IPOS, INEG ...................................................... 22V
SHDN ....................................................................... VIN
Operating Ambient Temperature Range ..... 0
°C to 70°C
Junction Temperature (Note 2) ................ 0
°C to 100°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
SHDN
VIN
GND
OUT
IPOS
INEG
GATE
COMP
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
TJMAX = 100°C, θJA = 100°C/ W (N8)
TJMAX = 100°C, θJA = 130°C/ W (S8)
LT1575CN8-1.5
LT1575CS8-1.5
LT1575CN8-2.8
LT1575CS8-2.8
LT1575CN8-3.3
ORDER PART NUMBER
ORDER PART NUMBER
LT1575CS8-3.3
LT1575CN8-3.5
LT1575CS8-3.5
LT1575CN8-5
LT1575CS8-5
157535
15755
157515
157528
157533
ORDER PART NUMBER
LT1577CS-ADJ/ADJ
TJMAX = 100°C, θJA = 100°C/ W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC NARROW SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHDN1
VIN1
GND1
FB1
SHDN2
VIN2
GND2
FB2
IPOS1
INEG1
GATE1
COMP1
IPOS2
INEG2
GATE2
COMP2
1
2
3
4
8
7
6
5
TOP VIEW
SHDN
VIN
GND
FB
IPOS
INEG
GATE
COMP
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
TJMAX = 100°C, θJA = 100°C/ W (N8)
TJMAX = 100°C, θJA = 130°C/ W (S8)
LT1575CN8
LT1575CS8
1575
S8 PART MARKING
S8 PART MARKING
Consult factory for Industrial and Military grade parts.
ORDER PART NUMBER
LT1577CS-3.3/ADJ
TJMAX = 100°C, θJA = 100°C/ W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC NARROW SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHDN1
VIN1
GND1
OUT-3.3
SHDN2
VIN2
GND2
FB
IPOS1
INEG1
GATE1
COMP1
IPOS2
INEG2
GATE2
COMP2
ORDER PART NUMBER
LT1577CS-3.3/2.8
TJMAX = 100°C, θJA = 100°C/ W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC NARROW SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHDN1
VIN1
GND1
OUT-3.3
SHDN2
VIN2
GND2
OUT-2.8
IPOS1
INEG1
GATE1
COMP1
IPOS2
INEG2
GATE2
COMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com