Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1534CS-1 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1534CS-1
Description  Ultralow Noise 2A Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534CS-1 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1534CS-1 Datasheet HTML 8Page - Linear Technology LT1534CS-1 Datasheet HTML 9Page - Linear Technology LT1534CS-1 Datasheet HTML 10Page - Linear Technology LT1534CS-1 Datasheet HTML 11Page - Linear Technology LT1534CS-1 Datasheet HTML 12Page - Linear Technology LT1534CS-1 Datasheet HTML 13Page - Linear Technology LT1534CS-1 Datasheet HTML 14Page - Linear Technology LT1534CS-1 Datasheet HTML 15Page - Linear Technology LT1534CS-1 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1534/LT1534-1
1534fa LT/TP 0300 2K REV A • PRINTED IN USA
TYPICAL APPLICATION
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1129
700mA Micropower Low Dropout Regulator
0.4V Dropout Voltage, Reverse Battery Protection
LT1175
500mA Negative Low Dropout Micropower Regulator
Positive or Negative Shutdown Logic
LT1370
500kHz High Efficiency 6A Switching Regulator
90% Efficiency, Constant Frequency, High Power
LT1371
500kHz High Efficiency 3A Switching Regulator
90% Efficiency, Constant Frequency, Synchronizable
LT1377
1MHz High Efficiency 1.5A Switching Regulator
High Frequency, Small Inductor
LT1425
Isolated Flyback Switching Regulator
Excellent Regulation Without Transformer “Third Winding”
LT1533
Ultralow Noise 1A Switching Regulator
Push-Pull Design for Low Noise Isolated Supplies
LT1763
500mA Low Noise Micropower LDO
20
µVRMS(10Hz to 100kHz), 30µA Quiescent Current
LT1777
700mA Low Noise Step-Down Switching Regulator
Programmable dI/dt Limit, 48VMax VIN
RELATED PARTS
Low Noise Wide Input Range
±5V Supply
14
1,8
9,16
SHDN
COL
RCSL
RVSL
5
CT
6
RT
LT1534-1
GND
VIN
15
2
4
10
12
11
220pF
0.01
µF
1500pF
16.9k
L2
28nH
C1
10
µF
16V
VIN
3V TO 12V
+
1N5817
*TOTAL OUTPUT CURRENT
≤ 300mA
C1, C2, C3: MATSUSHITA ECGCICB6R8
C4, C5: MATSUSHITA ECGC0JB470
L2: COILCRAFT B08T OR PC TRACE
T1: COILTRONICS VP2-0216
2.49k
10
Ω
VOUT1
VOUT1
5V
150mA*
VOUT2
–5V
150mA*
6.8k
13
4k TO
25k
7.5k
C4
47
µF
6.3V
+
C5
47
µF
6.3V
+
1534 TA03
VC
PGND
FB
3
1nF
11
8
12
9
2
5
1
4
6
3
T1
T1
T1
10
7
7
1N5817
NFB
4k TO
25k
SYNC
C3
10
µF
16V
C2
10
µF
16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com