Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1573CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1573CS8
Description  Low Dropout PNP Regulator Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1573CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1573CS8 Datasheet HTML 6Page - Linear Technology LT1573CS8 Datasheet HTML 7Page - Linear Technology LT1573CS8 Datasheet HTML 8Page - Linear Technology LT1573CS8 Datasheet HTML 9Page - Linear Technology LT1573CS8 Datasheet HTML 10Page - Linear Technology LT1573CS8 Datasheet HTML 11Page - Linear Technology LT1573CS8 Datasheet HTML 12Page - Linear Technology LT1573CS8 Datasheet HTML 13Page - Linear Technology LT1573CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1573
Thermal Considerations
The thermal characteristics of several components need
to be considered; the LT1573, the pass transistor and
resistor RD. Power dissipation should be calculated based
on the worst-case conditions seen by each component
during normal operation.
1. Power Dissipation of the LT1573: The worst-case
power dissipation in the LT1573 is a function of drive
current, supply voltage and the value of RD. Worst-case
dissipation for the LT1573 occurs when the drive cur-
rent is equal to approximately one half of its maximum
value. The worst-case power dissipation in the LT1573
can be calculated by the following formula:
P
VV
R
R
D
IN
BE
D
D
=
−
()
>
2
4
minimum R for latch - off function
D
(2)
where,
VIN = the maximum input voltage to the circuit
VBE = the minimum emitter/base voltage of the PNP
pass transistor
Following the previous design example for selecting
resistor RD, the power dissipation of LT1573 is calcu-
lated from Eq (2):
PW
D =
−
()
()
=
55 065
424
025
2
..
.
For some operating conditions RD may be replaced with
a short. This is possible in applications where the
operating requirements (input voltage and drive cur-
rent) are at the low end and the output will not be
shorted. For RD = 0, the following formula may be used
to calculate the maximum power dissipation in the
LT1573:
PD = (VIN – VBE)(IDRIVE)
(3)
where,
VIN = the maximum input voltage
VBE = the minimum emitter/base voltage of the PNP
IDRIVE = the required maximum drive current
2. Power Dissipation of the Resistor RD: The worst-case
power dissipation in resistor RD needs to be calculated
so that the power rating of the resistor can be deter-
mined. The worst-case power dissipation in this resis-
tor will occur when the drive current is at a maximum.
The power dissipation can be calculated from the fol-
lowing formula:
P
VV
V
R
RD
IN
BE
DRIVE
D
=
−−
()2
(4)
where,
VIN = the maximum input voltage
VBE = the minimum emitter/base voltage of the PNP
VDRIVE = the voltage at the LT1573 DRIVE pin
= VSAT of the DRIVE pin in the worst case
Following the previous design example, the power
dissipation of resistor RD is calculated from Eq (4):
PW
RD =
−−
()
=
55 065 0 39
24
083
2
..
.
.
3. Power Dissipation of the PNP Transistor: The worst-
case power dissipation in the PNP pass transistor is
simply equal to:
PPNP = (VIN – VOUT)(IOUT)
(5)
where,
VIN = the maximum input voltage
IOUT = the maximum output current
Following the previous design example, the power
dissipation of PNP transistor is calculated from Eq (5):
PPNP = (5.5 – 3.3)(5) = 11W
The LT1573 series regulators have internal thermal
limiting designed to protect the device during overload
conditions. For continuous normal load conditions,
the maximum junction temperature rating of 125
°C
must not be exceeded. It is important to give careful
consideration to all sources of thermal resistance from
junction to ambient. For surface mount devices, heat
sinking is accomplished by using the heat spreading
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com