Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1579 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1579
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1579 Datasheet HTML 9Page - Linear Technology LT1579 Datasheet HTML 10Page - Linear Technology LT1579 Datasheet HTML 11Page - Linear Technology LT1579 Datasheet HTML 12Page - Linear Technology LT1579 Datasheet HTML 13Page - Linear Technology LT1579 Datasheet HTML 14Page - Linear Technology LT1579 Datasheet HTML 15Page - Linear Technology LT1579 Datasheet HTML 16Page - Linear Technology LT1579 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1579
A small capacitor placed in parallel with the top resistor
(R2) of the output divider is necessary for stability and
transient performance of the adjustable LT1579. The
impedance of CFB at 10kHz should be less than the value
of R1.
The adjustable LT1579 is tested and specified with the
output pin tied to the adjust pin and a 3
µA load (unless
otherwise noted) for an output voltage of 1.5V. Specifica-
tions for output voltages greater than 1.5V are propor-
tional to the ratio of the desired output voltage to 1.5V;
(VOUT/1.5V). For example, load regulation for an output
current change of 1mA to 300mA is – 2mV typical at
VOUT = 1.5V. At VOUT = 12V, load regulation is:
12
15
216
V
V
mV
mV
.
––

()
=
Output Capacitance and Transient Response
The LT1579 is designed to be stable with a wide range of
output capacitors. The ESR of the output capacitor affects
stability, most notably with small capacitors. A minimum
output capacitor of 4.7
µF with an ESR of 3Ω or less is
recommended to prevent oscillations. Smaller value ca-
pacitors may be used, but capacitors which have a low
ESR (i.e. ceramics) may need a small series resistor added
to bring the ESR into the range suggested in Table 1. The
LT1579 is a micropower device and output transient
response is a function of output capacitance. Larger
values of output capacitance decrease the peak deviations
and provide improved output transient response for larger
load current changes. Bypass capacitors, used to decouple
individual components powered by the LT1579, will
increase the effective output capacitor value.
Table 1. Suggested ESR Range
OUTPUT CAPACITANCE
SUGGESTED ESR RANGE
1.5
µF1Ω to 3Ω
2.2
µF
0.5
Ω to 3Ω
3.3
µF
0.2
Ω to 3Ω
≥4.7µF0Ω to 3Ω
APPLICATIONS INFORMATION
BIASCOMP Pin Compensation
The BIASCOMP pin is a connection to a compensation
point for the internal bias circuitry. It must be bypassed
with a 0.01
µF capacitor for stability during the switch from
VIN1 to VIN2.
“Hot” Plugging and Unplugging of Inputs
The LT1579 is designed to maintain regulation even if one
of the outputs is instantaneously removed. If the primary
input is supplying load current, removal and insertion of
the secondary input creates no noticeable transient at the
output. In this case, the LT1579 continues to supply
current from the primary; no switching is required. How-
ever, when load current is being supplied from the primary
input and it is removed, load current must be switched
from the primary to the secondary input. In this case, the
LT1579 sees the input capacitor as a rapidly discharging
battery. If it discharges too quickly, the LT1579 does not
have ample time to switch over without a large transient
occurring at the output. The input capacitor must be large
enough to supply load current during the transition from
primary to secondary input. Replacement of the primary
creates a smaller transient on the output because both
inputs are present during the transition. For a 100mA load,
input and output capacitors of 10
µF will limit peak output
deviations to less than 50mV. See the “Hot” Plugging and
Unplugging Transient Response in the Typical Perfor-
mance Characteristics. Proportionally larger values for
input and output capacitors are needed to limit peak
deviations on the output when delivering larger load
currents.
Standby Mode
“Standby” mode is where one input draws a minimum
quiescent current when the other input is delivering all
bias and load currents . In this mode, the standby current
is the quiescent current drawn from the standby input. The
secondary input will be in standby mode, when the pri-
mary input is delivering all load and bias currents. When
the secondary input is in standby mode the current drawn
from the secondary input will be 3
µA if VIN1 > VIN2 and 5µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com