Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1575CS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1575CS8
Description  Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1575CS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1575CS8 Datasheet HTML 12Page - Linear Technology LT1575CS8 Datasheet HTML 13Page - Linear Technology LT1575CS8 Datasheet HTML 14Page - Linear Technology LT1575CS8 Datasheet HTML 15Page - Linear Technology LT1575CS8 Datasheet HTML 16Page - Linear Technology LT1575CS8 Datasheet HTML 17Page - Linear Technology LT1575CS8 Datasheet HTML 18Page - Linear Technology LT1575CS8 Datasheet HTML 19Page - Linear Technology LT1575CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1575/LT1577
TYPICAL APPLICATIONS N
3.3V to 2.8V
±100mV at 5.7A with Sense-Less Current Limit and Timer Latchoff
+
+
1
2
3
4
8
7
6
5
C2
330
µF
6.3V
C3
680pF
C7
10
µF
C4
1000pF
R1
4.7k
R2
10
Ω
C8 TO C31*
1
µF
Q1
IRL3303
VCORE
2.8V
C5
22pF
1575/77 TA14
FAULT RESET
C6
0.1
µF
12V
C1
330
µF
6.3V
INPUT
3.3V
RTN
+
*X7R CERAMIC 0805 CASE
LT1575-2.8
SHDN
VIN
GND
OUT
IPOS
INEG
GATE
COMP
N8 1197
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com