Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1613 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 3 Page - Linear Technology

  LT1613 Datasheet HTML 1Page - Linear Technology LT1613 Datasheet HTML 2Page - Linear Technology LT1613 Datasheet HTML 3Page - Linear Technology LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1613
TYPICAL PERFOR A CE CHARACTERISTICS
SWITCH CURRENT (mA)
0
100
200
300
400
500
600
700
1613 G01
700
600
500
400
300
200
100
0
TA = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1613 G02
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
VIN = 5V
VIN = 1.5V
SHDN PIN VOLTAGE (V)
012345
1613 G03
50
40
30
20
10
0
TA = 25°C
DUTY CYCLE (%)
10
20
30
40
50
60
70
80
1613 G04
1000
900
800
700
600
500
400
300
200
70
°C
25
°C
–40
°C
TEMPERATURE (
°C)
–50
1613 G05
1.25
1.24
1.23
1.22
1.21
1.20
VOLTAGE
–25
0
25
50
75
100
Switch VCESAT vs Switch Current
SHDN Pin Current vs VSHDN
Oscillator Frequency vs
Temperature
Current Limit vs Duty Cycle
Feedback Pin Voltage
Switching Waveforms, Circuit of Figure 1
VOUT
100mV/DIV
AC COUPLED
VSW
5V/DIV
ISW
200mA/DIV
ILOAD = 150mA
200ns/DIV
1613 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com