Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC850M-SMD Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # VC850M-SMD
Description  multi mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

VC850M-SMD Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  VC850M-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH VC850M-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
VC850M-SMD
v 2.0 15.05.2014
Description
VC850M-SMD is a multi mode infrared VCSEL emitting at typically 850 nm with rated output power of
0.5 mW cw, mounted into a SMD 0603 package and sealed with epoxy resin. The VCSEL works under low
forward current and voltage.
Maximum Ratings
Parameter
Symbol
Values
Min.
Max.
Unit
Forward Current
IF
8
mA
Reverse Voltage (@ 10µA)
VF
5
V
Operating Temperature
TCASE
- 10
+ 50
°C
Storage Temperature
TSTG
- 40
+ 85
°C
Lead Solder Temperature *
TSLD
+ 260
°C
* must be completed within 10 seconds
Electro-Optical Characteristics (T
CASE=25°C)
Thermal Characteristics
Parameter
Symbol
Values
Min.
Typ.
Max.
Unit
Emission Wavelength
λ
Peak
830
850
860
nm
Spectral Width
∆λ
0.06
nm
Optical Output Power
PO
0.2
0.5
0.8
mW
Beam Divergence
ϴ
6
°
Threshold Current
ITH
3.0
3.5
mA
Operating Current
IF
4
mA
Operating Voltage
VF
1.7
2.1
V
Breakdown Voltage
VB
-10
V
Slope Efficiency
η
0.2
0.4
0.5
mW/mA
Dynamic Resistance
RD
20
30
50
Ω
Parameter
Symbol
Values
Min.
Typ.
Max.
Test Conditions
Unit
ITH Temperature Variation
ΔITH
1.5
TC=-10 to 50°C
mA
η Temperature Variation
Δη / ΔT
-0.5
TC=-10 to 50°C,4mA
%/°C
λ Temperature Variation
Δλ / ΔT
0.06
TC=-10 to 50°C,4mA
nm/°C


Similar Part No. - VC850M-SMD

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
VC850M-SMD ROCHESTER-VC850M-SMD Datasheet
436Kb / 2P
WIEDNER HAUPSTRASSE 76
More results

Similar Description - VC850M-SMD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
S8081WG ROITHNER-S8081WG Datasheet
476Kb / 4P
multi mode
S83500MG ROITHNER-S83500MG Datasheet
599Kb / 5P
multi mode
S85300MG ROITHNER-S85300MG Datasheet
597Kb / 5P
multi mode
S85500MG ROITHNER-S85500MG Datasheet
599Kb / 5P
multi mode
VC850M-H-TO46FW ROITHNER-VC850M-H-TO46FW Datasheet
464Kb / 2P
multi mode
VC850M-H-TO46FW-PD ROITHNER-VC850M-H-TO46FW-PD Datasheet
458Kb / 3P
multi mode
VC850M-H-TO46GL ROITHNER-VC850M-H-TO46GL Datasheet
834Kb / 3P
multi mode
VC850M-MODULE ROITHNER-VC850M-MODULE Datasheet
511Kb / 3P
multi mode
VC850M-TO46GL ROITHNER-VC850M-TO46GL Datasheet
503Kb / 2P
multi mode
VC980M-TO46FW ROITHNER-VC980M-TO46FW Datasheet
868Kb / 3P
multi mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com