Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1630 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1630
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630 Datasheet(HTML) 3 Page - Linear Technology

  LT1630 Datasheet HTML 1Page - Linear Technology LT1630 Datasheet HTML 2Page - Linear Technology LT1630 Datasheet HTML 3Page - Linear Technology LT1630 Datasheet HTML 4Page - Linear Technology LT1630 Datasheet HTML 5Page - Linear Technology LT1630 Datasheet HTML 6Page - Linear Technology LT1630 Datasheet HTML 7Page - Linear Technology LT1630 Datasheet HTML 8Page - Linear Technology LT1630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1630/LT1631
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– to V+
79
90
dB
VS = 3V, VCM = V
– to V+
75
86
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V
– to V+
72
96
dB
VS = 3V, VCM = V– to V+
67
88
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12V, VCM = VO = 0.5V
87
105
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 2.7V to 12V, VCM = VO = 0.5V
80
107
dB
Minimum Supply Voltage (Note 9)
VCM = VO = 0.5V
2.6
2.7
V
VOL
Output Voltage Swing Low (Note 6)
No Load
14
30
mV
ISINK = 0.5mA
31
60
mV
ISINK = 25mA, VS = 5V
600
1200
mV
ISINK = 20mA, VS = 3V
500
1000
mV
VOH
Output Voltage Swing High (Note 6)
No Load
15
40
mV
ISOURCE = 0.5mA
42
80
mV
ISOURCE = 20mA, VS = 5V
900
1800
mV
ISOURCE = 15mA, VS = 3V
680
1400
mV
ISC
Short-Circuit Current
VS = 5V
±20
±41
mA
VS = 3V
±15
±30
mA
IS
Supply Current per Amplifier
3.5
4.4
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
15
30
MHz
SR
Slew Rate (Note 8)
VS = 5V, AV = – 1, RL = Open, VO = 4V
4.6
9.2
V/
µs
VS = 3V, AV = – 1, RL = Open
4.2
8.5
V/
µs
tS
Settling Time
VS = 5V, AV = 1, RL = 1k,
520
ns
0.01%, VSTEP = 2V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+ – 0.1V
q
175
700
µV
VCM = V
– + 0.2V
q
175
700
µV
VOS TC
Input Offset Voltage Drift (Note 3)
q
2.5
5.5
µV/°C
VCM = V+ – 0.1V
q
1
3.5
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V– + 0.2V to V+ – 0.1V
q
175
750
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V – + 0.2V, V+ – 0.1V (Note 5)
q
200
1200
µV
IB
Input Bias Current
VCM = V
+ – 0.1V
q
0
585
1100
nA
VCM = V– + 0.2V
q
– 1100
– 585
0
nA
∆IB
Input Bias Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
1170
2200
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ – 0.1V (Note 5)
q
25
340
nA
VCM = V– + 0.2V (Note 5)
q
25
340
nA
IOS
Input Offset Current
VCM = V+ – 0.1V
q
20
170
nA
VCM = V– + 0.2V
q
20
170
nA
∆IOS
Input Offset Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
40
340
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 300mV to 4.7V, RL = 10k
q
450
3500
V/mV
VS = 3V, VO = 300mV to 2.7V, RL = 10k
q
350
2000
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V
– + 0.2V to V+ – 0.1V
q
75
89
dB
VS = 3V, VCM = V– + 0.2V to V+ – 0.1V
q
71
83
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V– + 0.2V to V+ – 0.1V
q
70
90
dB
VS = 3V, VCM = V– + 0.2V to V+ – 0.1V
q
65
85
dB
0
°C < TA < 70°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com