Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL905P75 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # VL905P75
Description  single emitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

VL905P75 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  VL905P75 Datasheet HTML 1Page - Roithner LaserTechnik GmbH VL905P75 Datasheet HTML 2Page - Roithner LaserTechnik GmbH VL905P75 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
VL905P75
Description
VL905P75 is a IR 905 nm single emitter pulse laser diode in 5 mm epoxy package with output
power of 75 W at 100 ns pulse width and 0.2 % duty cycle. It is ideally suited for range finding
applications. Based on a compact epoxy package and capable of exceeding 10000 hours of life
time, it provides a very cost effective solution.
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Peak power
PP
90
W
Peak forward current
IP
40
A
Puls width
tp
200
ns
Duty cycle
d.c.
0.1
%
Reverse Voltage
VR
3
V
Operating temperature
TCASE
- 40
+85
°C
Storage temperature
TSTG
- 40
+100
°C
Soldering temperature
TS
260
°C
Laser Characteristics (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak output power
PO
65
75
85
W
Threshold current
Ith
0.5
0.75
1
A
Emission wavelength
λ
895
905
915
nm
Spectral Width (FWHM)
∆
λ
7
nm
Beam Divergence (FWHM)
ӨII x Ө┴
11x25
deg
Puls Width
Tw
100
ns
Duty Cycle*
D
0.05
%
Peak Current
Ip
30
A
Wavelength Temp. Coefficient
0.28
nm/°C
*Standard operating conditions: 100 ns, 5 kHz, 25A
Safety Advice
Caution: Depending on the mode of operation, this laser diode does emit highly concentrated
infrared light which can be extremely hazardous to the human eye and skin. Products which
do incorporate this laser diode must comply with safety precautions following IEC 60825-1
v 2.0 06.10.2014


Similar Part No. - VL905P75

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
VL905P75 ROCHESTER-VL905P75 Datasheet
445Kb / 2P
WIEDNER HAUPSTRASSE 76
More results

Similar Description - VL905P75

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
7ch SINGLE DRIVER(COMMON EMITTER)
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
7CH SINGLE DRIVER : COMMON EMITTER
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
7CH SINGLE DRIVER : COMMON EMITTER
TD62551S TOSHIBA-TD62551S Datasheet
139Kb / 4P
4CH SINGLE DRIVER : COMMEN EMITTER
TD62551S TOSHIBA-TD62551S Datasheet
168Kb / 4P
4CH SINGLE DIRVER : COMMON EMITTER
TD62593AFN TOSHIBA-TD62593AFN Datasheet
226Kb / 5P
8CH SINGLE DRIVER : COMMON EMITTER
logo
Siemens Semiconductor G...
LD2614444 SIEMENS-LD2614444 Datasheet
98Kb / 2P
INFRARED EMITTER SINGLE AND ARRAYS
logo
Toshiba Semiconductor
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
7ch Single Driver: Common Emitter
TD62593 TOSHIBA-TD62593_07 Datasheet
248Kb / 8P
8CH SINGLE DRIVER : COMMON EMITTER
logo
Hamamatsu Corporation
L11649-120-04 HAMAMATSU-L11649-120-04_15 Datasheet
59Kb / 2P
SINGLE EMITTER PULSED LASER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com