Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3723-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3723-1
Description  Synchronous Push-Pull PWM Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3723-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3723-1 Datasheet HTML 1Page - Linear Technology LTC3723-1 Datasheet HTML 2Page - Linear Technology LTC3723-1 Datasheet HTML 3Page - Linear Technology LTC3723-1 Datasheet HTML 4Page - Linear Technology LTC3723-1 Datasheet HTML 5Page - Linear Technology LTC3723-1 Datasheet HTML 6Page - Linear Technology LTC3723-1 Datasheet HTML 7Page - Linear Technology LTC3723-1 Datasheet HTML 8Page - Linear Technology LTC3723-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3723-1/LTC3723-2
2
372312f
VCC to GND (Low Impedance Source) .......– 0.3V to 10V
(Chip Self-Regulates at 10.3V)
UVLO to GND ............................................. – 0.3V to VCC
All Other Pins to GND
(Low Impedance Source) .........................– 0.3V to 5.5V
VCC (Current Fed) ................................................. 40mA
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 9.5V unless otherwise noted.
VREF Output Current ............................... Self-Regulated
Operating Temperature (Notes 5,6)
LTC3723E ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10sec)................... 300
°C
TJMAX = 125°C, θJA = 100°C/W
ORDER PART NUMBER
GN PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3723EGN-1
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
37231
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
VREF
SDRB
SDRA
DRVB
VCC
DRVA
GND
CT
SPRG
UVLO
SS
FB
RLEB
COMP
CS
DPRG
TJMAX = 125°C, θJA = 100°C/W
ORDER PART NUMBER
GN PART MARKING
LTC3723EGN-2
37232
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
VREF
SDRB
SDRA
DRVB
VCC
DRVA
GND
CT
SPRG
UVLO
SS
FB
DPRG
COMP
CS
RAMP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
VCCUV
VCC Undervoltage Lockout
Measured on VCC
10.25
10.7
V
VCCHY
VCC UVLO Hysteresis
Measured on VCC
3.8
4.2
V
ICCST
Start-Up Current
VCC = VUVLO – 0.3V
●
145
230
µA
ICCRN
Operating Current
No Load on Outputs
3
8
mA
VSHUNT
Shunt Regulator Voltage
Current into VCC = 10mA
10.3
10.8
V
RSHUNT
Shunt Resistance
Current into VCC = 10mA to 17mA
1.4
3.5
Ω
SUVLO
System UVLO Threshold
Measured on UVLO Pin, 10mA into VCC
4.8
5.0
5.2
V
SHYST
System UVLO Hysteresis Current
Current Flows Out of UVLO Pin, 10mA into VCC
8.5
10
11.5
µA
Pulse Width Modulator
ROS
Ramp Offset Voltage
Measured on COMP, RAMP = 0V
0.65
V
IRMP
Ramp Discharge Current
RAMP = 1V, COMP = 0V, CT = 4V, 3723-1 Only
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com