Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1637 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1637
Description  1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637 Datasheet(HTML) 2 Page - Linear Technology

  LT1637 Datasheet HTML 1Page - Linear Technology LT1637 Datasheet HTML 2Page - Linear Technology LT1637 Datasheet HTML 3Page - Linear Technology LT1637 Datasheet HTML 4Page - Linear Technology LT1637 Datasheet HTML 5Page - Linear Technology LT1637 Datasheet HTML 6Page - Linear Technology LT1637 Datasheet HTML 7Page - Linear Technology LT1637 Datasheet HTML 8Page - Linear Technology LT1637 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1637
Total Supply Voltage (V + to V –) .............................. 44V
Input Differential Voltage ......................................... 44V
Input Current ......................................................
±25mA
Shutdown Pin Voltage Above V – ..................................... 32V
Shutdown Pin Current ........................................
±10mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Consult factory for Military grade parts.
(Note 1)
ORDER PART
NUMBER
S8 PART
MARKING
1637
1637I
LT1637CN8
LT1637CS8
LT1637IN8
LT1637IS8
1
2
3
4
8
7
6
5
TOP VIEW
NULL
V+
OUT
SHDN
NULL
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8, S8 Packages
100
350
µV
0
°C ≤ TA ≤ 70°C
q
550
µV
–40
°C ≤ TA ≤ 85°C
q
700
µV
MS8 Package
100
350
µV
0
°C ≤ TA ≤ 70°C
q
750
µV
–40
°C ≤ TA ≤ 85°C
q
900
µV
Input Offset Voltage Drift (Note 9)
N8, S8 Packages, – 40
°C ≤ TA ≤ 85°C
q
13
µV/°C
MS8 Package, – 40
°C ≤ TA ≤ 85°C
q
26
µV/°C
IOS
Input Offset Current
q
0.4
6.0
nA
VCM = 44V (Note 5)
q
2.5
µA
IB
Input Bias Current
q
20
50
nA
VCM = 44V (Note 5)
q
23
60
µA
VS = 0V
0.1
nA
Input Noise Voltage
0.1Hz to 10Hz
0.6
µVP-P
en
Input Noise Voltage Density
f = 1kHz
27
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.08
pA/
√Hz
The q denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V; VSHDN = V –,VCM = VOUT = Half Supply unless otherwise specified. (Note 4)
3V
5V
A D
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
Operating Temperature Range (Note 3) .. – 40
°C to 85°C
Specified Temperature Range (Note 4) ... – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
NULL
–IN
+IN
V–
8
7
6
5
NULL
V+
OUT
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ORDER PART
NUMBER
MS8 PART
MARKING
LTIE
LT1637CMS8
TJMAX = 150°C, θJA = 250°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com