Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1675 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 3 Page - Linear Technology

  LT1675 Datasheet HTML 1Page - Linear Technology LT1675 Datasheet HTML 2Page - Linear Technology LT1675 Datasheet HTML 3Page - Linear Technology LT1675 Datasheet HTML 4Page - Linear Technology LT1675 Datasheet HTML 5Page - Linear Technology LT1675 Datasheet HTML 6Page - Linear Technology LT1675 Datasheet HTML 7Page - Linear Technology LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1675/LT1675-1
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Offset Voltage
Any Input Selected
q
20
40
mV
Output Offset Matching
Between Outputs R1 to R2, G1 to G2, B1 to B2
q
520
mV
Input Current
Any Input Selected
q
–12
– 30
µA
Input Resistance
VIN = ±1V
q
100
700
k
PSRR
VS =±2.6V to ±6V, Measured at Output
q
38
50
dB
DC Gain Error 0V to 1V
VIN = 1V, RL =
q
36
%
VIN = 1V, RL = 150Ω
q
48
%
VIN = 1V, RL = 75Ω
q
510
%
DC Gain Error 0V to –1V
VIN = –1V, RL =
q
36
%
VIN = –1V, RL = 150Ω
q
48
%
VIN = –1V, RL = 75Ω
q
820
%
Output Voltage
VIN = 2V, RL =
q
3.1
3.4
V
VIN = 2V, RL = 150Ω
q
2.8
3.0
V
VIN = 2V, RL = 75Ω
q
2.4
2.8
V
VIN = – 2V, RL =
q
– 3.1
– 3.3
V
VIN = – 2V, RL = 150Ω
q
– 2.7
– 3.0
V
VIN = – 2V, RL = 75Ω
q
– 2.3
– 2.6
V
Disabled Output Impedance
ENABLE Open
q
1.1
1.5
2.0
k
Maximum Output Current
VIN = ±1V, VO = 0V
q
50
70
mA
Supply Current
LT1675
ENABLE = 0V
q
25
33
42
mA
ENABLE = 4.7V
q
1
100
µA
LT1675-1
ENABLE = 0V
q
811
14
mA
ENABLE = 4.7V
q
0.3
33
µA
ENABLE Pin Current
LT1675
ENABLE= 0V
q
450
600
µA
LT1675-1
ENABLE= 0V
q
150
200
µA
SELECT Pin Current
LT1675
SELECT = 0V
q
90
180
µA
LT1675-1
SELECT = 0V
q
30
60
µA
SELECT Low
SELECT (See Truth Table)
q
0.8
V
SELECT High
SELECT (See Truth Table)
q
2V
0
°C ≤ TA ≤ 70°C, VS = ±5V, RL = , VIN = 0V LT1675 (Pins 1, 2, 3, 6, 7, 8),
LT1675-1 (Pins 1, 3), ENABLE = 0V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com