Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1671CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1671CS8
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1671CS8 Datasheet HTML 4Page - Linear Technology LT1671CS8 Datasheet HTML 5Page - Linear Technology LT1671CS8 Datasheet HTML 6Page - Linear Technology LT1671CS8 Datasheet HTML 7Page - Linear Technology LT1671CS8 Datasheet HTML 8Page - Linear Technology LT1671CS8 Datasheet HTML 9Page - Linear Technology LT1671CS8 Datasheet HTML 10Page - Linear Technology LT1671CS8 Datasheet HTML 11Page - Linear Technology LT1671CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1671
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
1671fs, sn1671 LT/TP 0499 4K • PRINTED IN USA
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1016
UltraFast
TM Precision Comparator
Industry Standard 10ns Comparator
LT1116
12ns Single Supply Ground-Sensing Comparator
Single Supply Version of LT1016
LT1394
UltraFast Single Supply Comparator
7ns, 6mA Single Supply Comparator
LT1720
UltraFast Dual Single Supply Comparator
Dual 4.5ns, 4mA Single Supply Comparator
UltraFast is a trademark of Linear Technology Corporation.
RELATED PARTS
4MHz Adaptive Trigger Circuit
Line and fiber-optic receivers often require an adaptive
trigger to compensate for variations in signal amplitude
and DC offsets. The circuit in Figure 9 triggers on 2mV to
175mV signal from 100Hz to 4MHz while operating from
a single 5V rail. A1, operating at a gain of 15, provides
wideband AC gain. The output of this stage biases a 2-way
peak detector (Q1 through Q4). The maximum peak is
stored in Q2’s emitter capacitor, while the minimum
excursion is retained in Q4’s emitter capacitor. The DC
value of the midpoint of A1’s output signal appears at the
junction of the 500pF capacitor and the 3M
Ω units. This
point always sits midway between the signal’s excursions,
regardless of absolute amplitude. This signal-adaptive
voltage is buffered by A2 to set the trigger voltage at the
Figure 9. 4MHz Single Supply Adaptive Trigger. Output Comparator’s Threshold Varies Ratiometrically with
Input Amplitude, Maintaining Data Integrity over >85:1 Input Amplitude Range
LT1671’s positive input. The LT1671’s negative input is
biased directly from A1’s output. The LT1671’s output, the
circuit’s output, is unaffected by > 85:1 signal amplitude
variations. Bandwidth limiting in A1 does not affect trig-
gering because the adaptive trigger threshold varies
ratiometrically to maintain circuit output.
Figure 10 shows operating waveforms at 4MHz. Trace A’s
input produces Trace B’s amplified output at A1. The
comparator’s output is Trace C.
5V
–
+
A1
LT1227
A2
LT1006
INPUT
5V
5V
5V
TRIGGER
OUT
1671 F09
500pF
0.1
µF
510
ΩΩ
470
ΩΩ
470
Ω
750
ΩΩ
36
ΩΩ
1
3
2
4
14
13
15
5
6
12
10
11
2k
10
µF
2k
2k
0.1
µF
0.1
µF
0.005
µF
0.005
µF
100
µF
+
Q1, Q2, Q3, Q4 = CA3096 ARRAY: TIE SUBSTRATE (PIN 16) TO GROUND
= 1N4148
LT1671
Q1
Q2
Q3
Q4
3M
3M
Figure 10. Adaptive Trigger
Responding to a 4MHz, 5mV Input.
Input Amplitude Variations from 2mV
to 175mV Are Accommodated
A = 10mV/DIV
B = 50mV/DIV
C = 1mV/DIV
50ns/DIV
1671F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com