Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1676 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1676
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676 Datasheet(HTML) 3 Page - Linear Technology

  LT1676 Datasheet HTML 1Page - Linear Technology LT1676 Datasheet HTML 2Page - Linear Technology LT1676 Datasheet HTML 3Page - Linear Technology LT1676 Datasheet HTML 4Page - Linear Technology LT1676 Datasheet HTML 5Page - Linear Technology LT1676 Datasheet HTML 6Page - Linear Technology LT1676 Datasheet HTML 7Page - Linear Technology LT1676 Datasheet HTML 8Page - Linear Technology LT1676 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1676
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Timing
f
Switching Frequency
90
100
110
kHz
q
85
115
kHz
Maximum Switch Duty Cycle
q
85
90
%
tON(MIN)
Minimum Switch On Time
High dV/dt Mode, RL = 50Ω (Note 4)
300
ns
Boost Operation
VC Pin Boost Threshold
1.35
V
dV/dt Below Threshold
0.2
V/ns
dV/dt Above Threshold
1.6
V/ns
Sync Function
Minimum Sync Amplitude
q
1.5
2.2
V
Synchronization Range
q
130
250
kHz
SYNC Pin Input R
40
k
Ω
SHDN Pin Function
VSHDN
Shutdown Mode Threshold
0.5
V
q
0.2
0.8
V
Upper Lockout Threshold
Switching Action On
1.260
V
Lower Lockout Threshold
Switching Action Off
1.245
V
ISHDN
Shutdown Pin Current
VSHDN = 0V
12
20
µA
VSHDN = 1.25V
2.5
10
µA
VIN = 48V, VSW open, VCC = 5V, VC = 1.4V unless otherwise noted.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
TEMPERATURE (
°C)
–50
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
25
75
LT1676 G01
–25
0
50
100
125
Minimum Input Voltage vs
Temperature
SWITCH CURRENT (mA)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
300
500
1676 G02
100
200
400
600
700
125
°C
–55
°C
25
°C
DUTY CYCLE (%)
0
1000
800
600
400
200
0
80
1676 G03
20
10
30
50
70
90
40
60
100
TA = 25°C
Switch Current Limit vs
Duty Cycle
Switch-On Voltage vs
Switch Current
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Control circuitry powered from VCC.
Note 3: Switch current limit is DC trimmed and tested in production.
Inductor dl/dt rate will cause a somewhat higher current limit in actual
application.
Note 4: Minimum switch on time is production tested with a 50
Ω resistive
load to ground.
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com