Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1680 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1680
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1680 Datasheet HTML 2Page - Linear Technology LT1680 Datasheet HTML 3Page - Linear Technology LT1680 Datasheet HTML 4Page - Linear Technology LT1680 Datasheet HTML 5Page - Linear Technology LT1680 Datasheet HTML 6Page - Linear Technology LT1680 Datasheet HTML 7Page - Linear Technology LT1680 Datasheet HTML 8Page - Linear Technology LT1680 Datasheet HTML 9Page - Linear Technology LT1680 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1680
TYPICAL PERFORMANCE CHARACTERISTICS
RUN/SHDN Input Current
vs Pin Voltage
Operating Frequency
(Normalized) vs Temperature
Maximum Duty Cycle vs RCT
RCT (kΩ)
12
4
6
100
90
80
70
60
50
40
30
20
10
0
10
20
40 60 100
1680 G20
IDISCHG = 2.1mA
IDISCHG = 2.75mA
FULL OPERATING
TEMPERATURE
RANGE
TEMPERATURE (
°C)
–50
1.01
1.00
0.99
0.98
25
75
1680 G21
–25
0
50
100
125
RUN/SHDN PIN VOLTAGE (V)
0
600
450
300
150
0
24
6
8
1680 G19
10
12
UPPER
LIMIT
LOWER
LIMIT
TYPICAL
FULL OPERATING
TEMPERATURE
RANGE
SL/ADJ (Pin 1): Slope Compensation Adjustment. Allows
increased slope compensation for certain high duty cycle
applications. Resistive loading of this pin increases effec-
tive slope compensation. A resistor divider from the 5VREF
pin can tailor the onset of additional slope compensation
to specific regions in each switch cycle. Pin can be floated
or connected to 5VREF if no additional slope compensation
is required. (See Applications Information section for
slope compensation details.)
CT (Pin 2): Oscillator Timing Pin. Connect a capacitor
(CCT) to ground and a pull-up resistor (RCT) to the 5VREF
supply. Typical values are CCT = 1000pF and 10k ≤ RCT ≤
30k.
IAVG (Pin 3): Average Current Limit Integration. Fre-
quency response characteristic is set using the 50k
Ω
output impedance and external capacitor to ground.
Averaging roll-off is typically set 1 to 2 orders of magni-
tude below switching frequency. (Typical capacitor value
= 1000pF for fO = 100kHz.) Shorting this pin to SGND will
disable the average current limit function. In systems
where open-loop inductor current occurs, such as boost
supplies during output short-circuit condition and inrush
periods, an external small-signal protection diode should
be connected between IAVG and the VC pin (anode to IAVG
pin, cathode to VC pin). See Applications Information.
PIN FUNCTIONS
SS (Pin 4): Soft Start. Generates ramping threshold for
regulator current limit during start-up and after UVLO
events by sourcing about 10
µAintoanexternalcapacitor.
VC (Pin 5): Error Amplifier Output. RC load creates domi-
nant compensation in power supply regulation feedback
loop to provide optimum transient response. (See Appli-
cations Information section for compensation details.)
SGND (Pin 6): Small-Signal Ground. Connect to negative
terminal of COUT.
VFB (Pin 7): Error Amplifier Inverting Input. Used as
voltage feedback input node for regulator loop. Pin sources
about 0.5
µA DC bias current to protect from an open
feedback path condition.
VREF (Pin 8): Bandgap Generated Voltage Reference
Decoupling. Connect a capacitor to signal ground. (Typi-
cal capacitor value
≈0.1µF.)
SENSE + (Pin 9): Current Sense Amplifier Inverting Input.
Connect to most positive (DC) terminal of current sense
resistor.
SENSE – (Pin 10): Current Sense Amplifier Noninverting
Input. Connect to most negative (DC) terminal of current
sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com