Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12LS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS12LS
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12LS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS12LS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12LS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS12LS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS12LS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
(TA=25
oC unless otherwise noted)
Document Number: DS_D1406025
Version: B14
Note 2: Whole series with AEC-Q101 qualified and green compound (halogen-free)
SS115LSHRVG
SS115LS
H
RV
G
AEC-Q101 qualified
Green compound
PACKING
Prefix "H"
3,000 / 7" Reel
RQ
SOD123HE
10,000 / 13" Reel
RV
Note 1: "xx" defines voltage from 20V (SS12LS) to 150V (SS115LS)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
RATINGS AND CHARACTERISTICS CURVES
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SS12LS - SS115LS
ORDERING INFORMATION
SS1xxLS
(Note 1, 2)
Taiwan Semiconductor
AEC-Q101
QUALIFIED
Suffix "G"
SOD123HE
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
0
0.2
0.4
0.6
0.8
1
1.2
0
255075
100
125
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUVTIVE LOAD
20V-30V
40V-150V
1
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single
Half Sine Wave.
0.001
0.01
0.1
1
10
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=125oC
20V-60V
100V-150V
0.1
1
10
00.2
0.4
0.6
0.811.2
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ=25oC
TJ=125oC
20V-60V
100V-150V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com