Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75402AC Datasheet(PDF) 39 Page - NEC

Part # UPD75402AC
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402AC Datasheet(HTML) 39 Page - NEC

Back Button UPD75402AC Datasheet HTML 35Page - NEC UPD75402AC Datasheet HTML 36Page - NEC UPD75402AC Datasheet HTML 37Page - NEC UPD75402AC Datasheet HTML 38Page - NEC UPD75402AC Datasheet HTML 39Page - NEC UPD75402AC Datasheet HTML 40Page - NEC UPD75402AC Datasheet HTML 41Page - NEC UPD75402AC Datasheet HTML 42Page - NEC UPD75402AC Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
µPD75402A(A)
28PIN PLASTIC SHRINK DIP (400 mil)
ITEM MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
N
0.17
0.007
A
28.46 MAX.
1.121 MAX.
B
2.67 MAX.
0.106 MAX.
F
0.9 MIN.
0.035 MIN.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
10.16 (T.P.)
0.400 (T.P.)
C
1.778 (T.P.)
0.070 (T.P.)
D
0.50±0.10
0.020 +0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
8.6
0.339
M
0.25
0.010 +0.004
–0.003
+0.10
–0.05
M
R
M
I
H
G
F
D
N
C
B
K
P28C-70-400A-1
R
0~15
°
0~15
°
2) ltem "K" to center of leads when formed parallel.
1
14
28
15
A
J
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com