Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD754244 Datasheet(PDF) 13 Page - NEC

Part # UPD754244
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754244 Datasheet(HTML) 13 Page - NEC

Back Button UPD754244 Datasheet HTML 9Page - NEC UPD754244 Datasheet HTML 10Page - NEC UPD754244 Datasheet HTML 11Page - NEC UPD754244 Datasheet HTML 12Page - NEC UPD754244 Datasheet HTML 13Page - NEC UPD754244 Datasheet HTML 14Page - NEC UPD754244 Datasheet HTML 15Page - NEC UPD754244 Datasheet HTML 16Page - NEC UPD754244 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
13
µPD754144, 754244
4. SWITCHING FUNCTION BETWEEN MK I MODE AND MK II MODE
4.1 Difference between Mk I and Mk II Modes
The
µPD754244 75XL CPU has the following two modes: Mk I and Mk II, either of which can be selected. The
mode can be switched by the bit 3 of the Stack Bank Select register (SBS).
• Mk I mode:
Instructions are compatible with the 75X series. Can be used in the 75XL CPU with a ROM
capacity of up to 16 Kbytes.
• Mk II mode:
Incompatible with 75X series. Can be used in all the 75XL CPU’s including those products
whose ROM capacity is more than 16 Kbytes.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Mk I Mode
Mk II Mode
Number of stack bytes
2 bytes
3 bytes
for subroutine instructions
BRA !addr1 instruction
Not available
Available
CALLA !addr1 instruction
CALL !addr instruction
3 machine cycles
4 machine cycles
CALLF !faddr instruction
2 machine cycles
3 machine cycles
Caution The Mk II mode supports a program area exceeding 16 Kbytes for the 75X and 75XL Series.
Therefore, this mode is effective for enhancing software compatibility with products that
have a program area of more than 16 Kbytes.
With regard to the number of stack bytes during execution of subroutine call instructions,
the usable area increases by 1 byte per stack compared to the Mk I mode when the Mk II
mode is selected.
However, when the CALL !addr and CALLF !faddr instructions are used, the machine cycle
becomes longer by 1 machine cycle. Therefore, if more emphasis is placed on RAM use
efficiency and processing performance than on software compatibility, the Mk I mode
should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com