Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1767 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1767
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767 Datasheet(HTML) 3 Page - Linear Technology

  LT1767 Datasheet HTML 1Page - Linear Technology LT1767 Datasheet HTML 2Page - Linear Technology LT1767 Datasheet HTML 3Page - Linear Technology LT1767 Datasheet HTML 4Page - Linear Technology LT1767 Datasheet HTML 5Page - Linear Technology LT1767 Datasheet HTML 6Page - Linear Technology LT1767 Datasheet HTML 7Page - Linear Technology LT1767 Datasheet HTML 8Page - Linear Technology LT1767 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
ELECTRICAL CHARACTERISTICS
FB Input Resistance
LT1767-1.8
q
10.5
15
21
k
Ω
LT1767-2.5
q
14.7
21
30
k
Ω
LT1767-3.3
q
19
27.5
39
k
Ω
LT1767-5
q
29
42
60
k
Ω
Error Amp Voltage Gain
0.4V < VC < 0.9V
150
350
Error Amp Transconductance
∆IVC = ±10µA
q
500
850
1300
µMho
VC Pin Source Current
VFB = VNOM – 17%
q
80
120
160
µA
VC Pin Sink Current
VFB = VNOM + 17%
q
70
110
180
µA
VC Pin to Switch Current Transconductance
2.5
A/V
VC Pin Minimum Switching Threshold
Duty Cycle = 0%
0.35
V
VC Pin 1.5A ISW Threshold
0.9
V
Maximum Switch Duty Cycle
VC = 1.2V, ISW = 400mA
85
90
%
q
80
%
Minimum Boost Voltage Above Switch
ISW = –1.5A, 0°C ≤ TA ≤ 125°C and –1.3A, TA < 0°C
q
1.8
2.7
V
Boost Current
ISW = – 0.5A (Note 4)
q
10
15
mA
ISW = –1.5A, 0°C ≤ TA ≤ 125°C and –1.3A, TA < 0°C (Note 4)
q
30
45
mA
SHDN Threshold Voltage
q
1.27
1.33
1.40
V
SHDN Input Current (Shutting Down)
SHDN = 60mV Above Threshold
q
–7
–10
–13
µA
SHDN Threshold Current Hysteresis
SHDN = 100mV Below Threshold
q
47
10
µA
SYNC Threshold Voltage
1.5
2.2
V
SYNC Input Frequency
1.5
2
MHz
SYNC Pin Resistance
ISYNC = 1mA
20
k
Ω
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 15V, VC = 0.8V, Boost = VIN + 5V, SHDN, SYNC and switch open unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1767E is guaranteed to meet performance specifications
from 0
°C to 125°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Minimum input voltage is defined as the voltage where the internal
regulator enters lockout. Actual minimum input voltage to maintain a
regulated output will depend on output voltage and load current. See
Applications Information.
Note 4: Current flows into the BOOST pin only during the on period of the
switch cycle.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1767 G01
1.22
1.21
1.20
1.19
1.18
SWITCH CURRENT (A)
0
0.5
1
1.5
1767 G02
400
350
300
250
200
150
100
50
0
125
°C
25
°C
–40
°C
FB vs Temperature (Adj)
Switch On Voltage Drop
Oscillator Frequency
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1767 G03
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com