Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1777 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1777
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777 Datasheet(HTML) 5 Page - Linear Technology

  LT1777 Datasheet HTML 1Page - Linear Technology LT1777 Datasheet HTML 2Page - Linear Technology LT1777 Datasheet HTML 3Page - Linear Technology LT1777 Datasheet HTML 4Page - Linear Technology LT1777 Datasheet HTML 5Page - Linear Technology LT1777 Datasheet HTML 6Page - Linear Technology LT1777 Datasheet HTML 7Page - Linear Technology LT1777 Datasheet HTML 8Page - Linear Technology LT1777 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LT1777
TYPICAL PERFOR A CE CHARACTERISTICS
Switching Frequency
vs Temperature
Minimum Synchronization
Voltage vs Temperature
Output dI/dt Sense Voltage
vs Temperature
VC Pin Switching Threshold,
Clamp Voltage vs Temperature
Feedback Amplifier Output
Current vs FB Pin Voltage
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (
°C)
106
104
102
100
98
96
94
1777 G07
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
2.25
2.00
1.75
1.50
1.25
1.00
0.75
1777 G08
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
1777 G09
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
25
75
1777 G10
–25
0
50
100
125
CLAMP
VOLTAGE
SWITCHING
THRESHOLD
FB PIN VOLTAGE (V)
1.0
100
50
0
–50
–100
–150
1.4
1777 G11
1.1
1.2
1.3
1.5
25
°C
125
°C
–55
°C
TEMPERATURE (
°C)
–50
750
700
650
600
550
500
450
400
25
75
1777 G12
–25
0
50
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com