Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS25PL05G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS25PL05G
Description  25A, 600V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS25PL05G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS25PL05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS25PL05G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
Document Number: DS_D1411014
Version: D15
TS25PL05G
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
D2
G
TS-6P
15 / TUBE
X0
TS-6P
Forming
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
TS25PL05G
H
TS25PL05GHD2G
TS25PL05G
H
D2
G
AEC-Q101 qualified
Green compound
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
160
CASE TEMPERATURE (oC)
FIG.1 MAXIMUM DERATING CURVE FOR OUTPUT
CURRENT
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
20406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (A)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
TJ=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com