Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4148C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148C
Description  200mW High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4148C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4148C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4148C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.45
1.65
0.057
0.065
B
0.70
0.90
0.028
0.035
C
0.25
0.45
0.010
0.018
D
0.55
0.75
0.022
0.030
Document Number: DS_S1310004
Version: D14
TS4148C
Taiwan Semiconductor
Small Signal Product
DIM.
Unit(mm)
Unit(inch)
0603 (Ceramics)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com