Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75402ACT Datasheet(PDF) 34 Page - NEC

Part # UPD75402ACT
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT Datasheet(HTML) 34 Page - NEC

Back Button UPD75402ACT Datasheet HTML 30Page - NEC UPD75402ACT Datasheet HTML 31Page - NEC UPD75402ACT Datasheet HTML 32Page - NEC UPD75402ACT Datasheet HTML 33Page - NEC UPD75402ACT Datasheet HTML 34Page - NEC UPD75402ACT Datasheet HTML 35Page - NEC UPD75402ACT Datasheet HTML 36Page - NEC UPD75402ACT Datasheet HTML 37Page - NEC UPD75402ACT Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
µPD75402A(A)
SBI mode (SCK ··· Internal clock output (master)):
SBI mode (SCK ··· External clock input (slave)):
Note RL and CL are the resistance and capacitance of the SO output line load respectively.
Min.
1600
3800
tKCY3/2 – 50
tKCY3/2 – 150
150
tKCY3/2
0
0
tKCY3
tKCY3
tKCY3
tKCY3
Parameter
SCK cycle time
SCK high/low level
width
SB0 setup time
(referred to SCK
↑)
SB0 hold time
(referred to SCK
↑)
Delay from SCK
↓ to
SB0 output
Delay from SCK
↑ to SB0↓
Delay from SB0
↓ to SCK↓
SB0 low-level width
SB0 high-level width
Symbol
tKCY4
tKL4
tKH4
tSIK4
tKSI4
tKSO4
tKSB
tSBK
tSBL
tSBH
Symbol
tKCY3
tKL3
tKH3
tSIK3
tKSI3
tKSO3
tKSB
tSBK
tSBL
tSBH
Parameter
SCK cycle time
SCK high/low level
width
SB0 setup time
(referred to SCK
↑)
SB0 hold time
(referred to SCK
↑)
Delay from SCK
↓ to
SB0 output
Delay from SCK
↑ to SB0↓
Delay from SB0
↓ to SCK
SB0 low-level width
SB0 high-level width
Typ.
Max.
250
1000
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Conditions
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
Conditions
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
RL = 1 k
Ω,
CL = 100 pF Note
VDD = 4.5 to 6.0 V
Min.
800
3200
400
1600
100
tKCY4/2
0
0
tKCY4
tKCY4
tKCY4
tKCY4
Typ.
Max.
300
1000
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com