Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4448RZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RZ
Description  150mW High Speed SMD Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4448RZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4448RZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CREAT BY ART
- Designed for mounting on small surface
- Extremely thin/leadless package
- High mounting capability, strong surage with stand,
high reliability
- Pb free and RoHS compliant
- Green Compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- Case: 0603 standard package, molded plastic
MIL-STD-750, method 2026 guaranteed
- High temperature soldering guaranteed: 260
oC/10s
- Polarity: Indicated by cathode band
- Weight : 0.003 grams (approximately)
SYMBOL
UNIT
PD
mW
VRRM
V
IFRM
mA
IO
mA
RθJA
℃/W
TJ, TSTG
oC
SYMBOL
UNIT
Reverse breakdown voltage
V(BR)
V
CJ
pF
Reverse recovery time
trr
ns
Document Number: DS_S1407008
- Terminal: Gold plated, solderable per
Version: E14
IR
VALUE
-
25
-
9
150
9
Power dissipation
1
(Note 2)
100
PARAMETER
Thermal resistance form junction to ambient
(Note 1)
Junction capacitance
100
VR=0.5V, f=1.0MHz
80
-
Reverse leakage current
IF=100mA
VR=20V
VR=80V
-
Note: 1 Valid provided that electrodes are kept at ambient temperature
Note: 2 Test Condition: IR=100µA
Note: 3 Test Condition: IF=IR=10mA, RL=100Ω, IRR=1mA
666
Junction and storage temperature range
- 40 to + 125
MIN
MAX
(Note 3)
-
TS4448 RZ
FEATURES
MECHANICAL DATA
0603
Taiwan Semiconductor
300
Small Signal Product
PARAMETER
Repetitive Peak Reverse Voltage
Repetitive Peak Forward Current
150mW High Speed SMD Switching Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
A
2
1.0
Mean forward current
125
Non-repetitive peak forward surge current
Pulse Width = 1 µs
Pulse Width = 8.3 ms
IFSM
nA
Forward voltage
IF=5mA
VF
0.62
0.72
V


Similar Part No. - TS4448RZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4448RZ TSC-TS4448RZ Datasheet
114Kb / 2P
150mW High Speed SMD Switching Diode
More results

Similar Description - TS4448RZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RZ TSC-TS4148RZ Datasheet
115Kb / 2P
150mW High Speed SMD Switching Diode
TS4448RZ TSC-TS4448RZ Datasheet
114Kb / 2P
150mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RZG TSC-TS4148RZG Datasheet
161Kb / 2P
150mW High Speed SMD Switching Diode
TSZU52C2V4 TSC-TSZU52C2V4 Datasheet
111Kb / 4P
150mW SMD Zener Diode
logo
Micro Commercial Compon...
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com