Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF20L60C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF20L60C
Description  Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20L60C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF20L60C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20L60C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20L60C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20L60C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20L60C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
creat by ART
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
Packing code with suffix "G" means green compound (halogen-free)
Terminal: Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
dV/dt
V/μs
IF = 10A
IF = 20A
IF = 10A
IF = 20A
TJ = 25°C
μA
TJ = 125°C
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1412005
Taiwan Semiconductor
A
IF(AV)
Trench Schottky Rectifier
Voltage rate of change (rated VR)
Molding compound meets UL 94 V-0 flammability rating
Maximum repetitive peak reverse voltage
Maximum average forward rectified
current
PARAMETER
TSF20L45C thru TSF20L60C
10
45
0.77
0.81
A
0.66
0.70
0.55
20
Storage temperature range
- 55 to +150
Typical thermal resistance per diode
Maximum instantaneous reverse current per diode at
rated reverse voltage
4
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
IFSM
TSF20L45C
TSF20L60C
60
ITO-220AB
- 55 to +150
10000
100
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters, lighting
and on-board DC/DC converters.
MECHANICAL DATA
Case: ITO-220AB
TJ = 125°C
VF
0.57
IR
TYP
TYP
MAX
0.79
0.68
MAX
0.64
Version: B14
Note 1: Pulse test with pulse width = 300μs, 1% duty cycle
Operating junction temperature range
Instantaneous forward voltage per diode
(Note1)
TJ = 25°C
0.53
0.70
500
V
0.65
0.63
0.79
120
Polarity: As marked
Mounting torque: 0.56 Nm max.
Weight: 1.7 g (approximately)
per device
per diode
0.55
0.72


Similar Part No. - TSF20L60C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF20L100C TSC-TSF20L100C Datasheet
248Kb / 5P
Trench Schottky Rectifier
logo
Inchange Semiconductor ...
TSF20L100C ISC-TSF20L100C Datasheet
290Kb / 2P
Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
TSF20L120C TSC-TSF20L120C Datasheet
248Kb / 5P
Trench Schottky Rectifier
TSF20L150C TSC-TSF20L150C Datasheet
248Kb / 5P
Trench Schottky Rectifier
TSF20L200C TSC-TSF20L200C Datasheet
248Kb / 5P
Trench Schottky Rectifier
More results

Similar Description - TSF20L60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTTN015 IRF-60CTTN015 Datasheet
74Kb / 5P
TRENCH SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com