Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF20L150C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSF20L150C
Description  Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20L150C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF20L150C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20L150C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20L150C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20L150C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20L150C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_1411073
Version: B14
TSF20LXXXC
(Note 1)
ITO-220AB
EXAMPLE
PACKING CODE
SUFFIX
C0
G
PREFERRED
PART NO.
TSF20L100C thru TSF20L200C
Taiwan Semiconductor
ORDERING INFORMATION
PACKING
PACKAGE
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
TSF20L150C C0G
PART NO.
TSF20L150C
Note 1: "XXX" defines voltage from 100V (TSF20L100C) to 200V (TSF20L200C)
50 / Tube
Green compound
DESCRIPTION
C0
PACKING CODE
G
0
5
10
15
20
25
0
255075
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TSF20L100C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSF20L120C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TSF20L150C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com