Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD754202GS Datasheet(PDF) 49 Page - NEC

Part # UPD754202GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754202GS Datasheet(HTML) 49 Page - NEC

Back Button UPD754202GS Datasheet HTML 45Page - NEC UPD754202GS Datasheet HTML 46Page - NEC UPD754202GS Datasheet HTML 47Page - NEC UPD754202GS Datasheet HTML 48Page - NEC UPD754202GS Datasheet HTML 49Page - NEC UPD754202GS Datasheet HTML 50Page - NEC UPD754202GS Datasheet HTML 51Page - NEC UPD754202GS Datasheet HTML 52Page - NEC UPD754202GS Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
49
µPD754202, 754202(A)
0.5
01
2
3
4
5
6
1
2
3
4
5
6
60
64
Supply voltage VDD [V]
(During system clock operation)
tCY vs VDD
Operation
guaranteed range
AC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 6.0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
CPU clock cycle timeNote 1
tCY
When system
2.7 V
≤ VDD ≤ 6.0 V
0.67
64.0
µs
(Minimum instruction execution
clock is used
time = 1 machine cycle)
1.8 V
≤ VDD < 2.7 V
0.95
64.0
µs
Interrupt input high- and
tINTH, tINTL
INT0
IM02 = 0
Note 2
µs
low-level widths
IM02 = 1
10
µs
KR4-KR7
10
µs
RESET low-level width
tRSL
10
µs
Notes 1.
The CPU clock (
Φ) cycle time (minimum
instruction execution time) is determined
by the oscillation frequency of the con-
nected resonator (and external clock) and
the processor clock control register (PCC).
The figure on the right shows the cycle
time tCY characteristics against the supply
voltage VDD when the system clock is used.
2.
2tCY or 128/fx depending on the setting of
the interrupt mode register (IM0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com