Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1884 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1884
Description  Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1884 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1884 Datasheet HTML 3Page - Linear Technology LT1884 Datasheet HTML 4Page - Linear Technology LT1884 Datasheet HTML 5Page - Linear Technology LT1884 Datasheet HTML 6Page - Linear Technology LT1884 Datasheet HTML 7Page - Linear Technology LT1884 Datasheet HTML 8Page - Linear Technology LT1884 Datasheet HTML 9Page - Linear Technology LT1884 Datasheet HTML 10Page - Linear Technology LT1884 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1884/LT1885
7
CMRR vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
PSRR vs Frequency
Vn, In vs Frequency
FREQUENCY (Hz)
1
1k
100k
18845 G07
10
100
10k
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1M
FREQUENCY (Hz)
1
1k
100k
18845 G08
10
100
10k
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1M
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±15V
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1000
18845 G09
CURRENT NOISE
VOLTAGE NOISE
0.1Hz to 10Hz Noise
0.01Hz to 1Hz Noise
Slew Rate vs Temperature
VS = ±15V
TA = 25°C
TIME (2s/DIV)
18845 G10
VS = ±15V
TA = 25°C
TIME (20s/DIV)
18845 G11
TEMPERATURE (
°C)
–50 –30 –10
10
30
50
70
90
110
1.0
1.2
1.4
18845 G12
0.8
0.6
0.4
RISING
VS = ±15V
FALLING
VS = ±5V
RISING
VS = ±5V
FALLING
VS = ±15V
Settling Time to 0.01%
vs Output Step
SETTLING TIME (
µs)
02
2
6
10
18845 G13
–2
–6
0
4
8
–4
–8
–10
4
6
8
1012141618 20
VS = ±15V
AV = –1
AV = –1
AV = 1
AV = 1
SUPPLY VOLTAGE (V)
0
0.75
1.00
1.25
32
18845 G14
0.50
0.25
0
8
16
4
12
24
20
40
28
36
TA = 85°C
TA = 25°C
TA = –40°C
Supply Current per Amplifier
vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
COMMON MODE VOLTAGE (V)
–15
–250
0
250
0
10
LTXXXX • TPCXX
–500
–750
–1000
–10
–5
5
500
750
1000
15
TA = 25°C
IBIAS
+
IBIAS
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com