Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1930 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1930
Description  1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1930 Datasheet(HTML) 4 Page - Linear Technology

  LT1930 Datasheet HTML 1Page - Linear Technology LT1930 Datasheet HTML 2Page - Linear Technology LT1930 Datasheet HTML 3Page - Linear Technology LT1930 Datasheet HTML 4Page - Linear Technology LT1930 Datasheet HTML 5Page - Linear Technology LT1930 Datasheet HTML 6Page - Linear Technology LT1930 Datasheet HTML 7Page - Linear Technology LT1930 Datasheet HTML 8Page - Linear Technology LT1930 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1930/LT1930A
BLOCK DIAGRA
Figure 2. Block Diagram
OPERATIO
The LT1930 uses a constant frequency, current-mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
block diagram in Figure 2. At the start of each oscillator
cycle, the SR latch is set, which turns on the power switch
Q1. A voltage proportional to the switch current is added
to a stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator A2. When this
voltage exceeds the level at the negative input of A2, the SR
latch is reset turning off the power switch. The level at the
negative input of A2 is set by the error amplifier A1, and is
simply an amplified version of the difference between the
feedback voltage and the reference voltage of 1.255V. In
this manner, the error amplifier sets the correct peak
current level to keep the output in regulation. If the error
amplifier’s output increases, more current is delivered to
the output; if it decreases, less current is delivered. The
LT1930 has a current limit circuit not shown in Figure 2.
The switch current is constantly monitored and not al-
lowed to exceed the maximum switch current (typically
1.2A). If the switch current reaches this value, the SR latch
is reset regardless of the state of comparator A2. This
current limit helps protect the power switch as well as the
external components connected to the LT1930.
The block diagram for the LT1930A (not shown) is iden-
tical except that the oscillator frequency is 2.2MHz.
–
+
RQ
S
0.01
Ω
SW
DRIVER
COMPARATOR
2
SHDN
4
1
VIN 5
FB
3
–
+
Σ
RAMP
GENERATOR
1.255V
REFERENCE
RC
CC
1.2MHz
OSCILLATOR*
GND
1930/A BD
Q1
A2
A1
R1 (EXTERNAL)
R2 (EXTERNAL)
FB
VOUT
SHUTDOWN
*2.2MHz FOR LT1930A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com