Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1932 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1932
Description  Constant-Current DC/DC LED Driver in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1932 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1932 Datasheet HTML 2Page - Linear Technology LT1932 Datasheet HTML 3Page - Linear Technology LT1932 Datasheet HTML 4Page - Linear Technology LT1932 Datasheet HTML 5Page - Linear Technology LT1932 Datasheet HTML 6Page - Linear Technology LT1932 Datasheet HTML 7Page - Linear Technology LT1932 Datasheet HTML 8Page - Linear Technology LT1932 Datasheet HTML 9Page - Linear Technology LT1932 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1932
APPLICATIO S I FOR ATIO
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple
voltage. Because they have an extremely low ESR and are
available in very small packages, multilayer ceramic ca-
pacitors are an excellent choice. X5R and X7R type
capacitors are preferred because they retain their capaci-
tance over wider voltage and temperature ranges than
other types such as Y5V or Z5U. A 1
µF or 2.2µF output
capacitor is sufficient for most applications. Always use a
capacitor with a sufficient voltage rating. Ceramic capaci-
tors do not need to be derated (do not buy a capacitor with
a rating twice what your application needs). A 16V ce-
ramic capacitor is good to more than 16V, unlike a 16V
tantalum, which may be good to only 8V when used in
certain applications. Low profile ceramic capacitors with
a 1mm maximum thickness are available for designs
having strict height requirements.
Ceramic capacitors also make a good choice for the input
decoupling capacitor, which should be placed as close as
possible to the LT1932. A 2.2
µF or 4.7µF input capacitor
is sufficient for most applications. Table 2 shows a list of
several ceramic capacitor manufacturers. Consult the
manufacturers for detailed information on their entire
selection of ceramic parts.
Table 2. Recommended Ceramic Capacitor Manufacturers
VENDOR
PHONE
URL
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
Murata
(814) 237-1431
www.murata.com
Kemet
(408) 986-0424
www.kemet.com
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, are the ideal choice for LT1932
applications. Table 3 shows several different Schottky
diodes that work well with the LT1932. Make sure that the
diode has a voltage rating greater than the output voltage.
The diode conducts current only when the power switch is
turned off (typically less than one-third the time), so a 0.4A
or 0.5A diode will be sufficient for most designs.
Table 3. Recommended Schottky Diodes
PART
VENDOR
MBR0520
ON Semiconductor
MBR0530
(800) 282-9855
MBR0540
www.onsemi.com
ZHCS400
Zetex
ZHCS500
(631) 543-7100
www.zetex.com
Programming LED Current
The LED current is programmed with a single resistor
connected to the RSET pin (see Figure 1). The RSET pin is
internally regulated to 100mV, which sets the current
flowing out of this pin, ISET, equal to 100mV/RSET. The
LT1932 regulates the current into the LED pin, ILED, to 225
times the value of ISET. For the best accuracy, a 1% (or
better) resistor value should be used. Table 4 shows
several typical 1% RSET values. For other LED current
values, use the following equation to choose RSET.
R
V
I
SET
LED
=


225
01
•
.
Table 4. RSET Resistor Values
ILED (mA)
RSET VALUE
40
562
Ω
30
750
Ω
20
1.13k
15
1.50k
10
2.26k
5
4.53k
Most white LEDs are driven at maximum currents of 15mA
to 20mA. Some higher power designs will use two parallel
strings of LEDs for greater light output, resulting in 30mA
to 40mA (two strings of 15mA to 20mA) flowing into the
LED pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com