Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1949 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1949
Description  600kHz, 1A Switch PWM DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1949 Datasheet(HTML) 1 Page - Linear Technology

  LT1949 Datasheet HTML 1Page - Linear Technology LT1949 Datasheet HTML 2Page - Linear Technology LT1949 Datasheet HTML 3Page - Linear Technology LT1949 Datasheet HTML 4Page - Linear Technology LT1949 Datasheet HTML 5Page - Linear Technology LT1949 Datasheet HTML 6Page - Linear Technology LT1949 Datasheet HTML 7Page - Linear Technology LT1949 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1949
600kHz, 1A Switch
PWM DC/DC Converter
VIN
VIN
3.3V
SW
FB
LT1949
L1
10
µH
D1
R2
140k
68k
330pF
VOUT
10V
175mA
R1
1M
1949 F01
C2
10
µF
CERAMIC
C1
22
µF
VC
GND
SHDN
SHUTDOWN
C1: AVX TAJA226M006R
C2: TAIYO YUDEN LMK325BJ106MN
D1: MBRM120LT3
L1: SUMIDA CDRH62B-100
+
The LT
®1949 is a fixed frequency step-up DC/DC con-
verter with a 1A, 0.5
Ω internal switch. Capable of gener-
ating 10V at 175mA from a 3.3V input, the LT1949 is ideal
for generating bias voltages for large screen LCD panels.
Constant frequency 600kHz operation results in a low
noise output that is easy to filter and the 30V switch rating
allows output voltage up to 28V using a single inductor. An
external compensation pin gives the user flexibility in
optimizing loop compensation, allowing small low ESR
ceramic capacitors to be used at the output. The 8-lead
MSOP and SO packages ensure a low profile overall
solution.
The LT1949 includes a low-battery detector that stays
alive when the device goes into shutdown. Quiescent
current in shutdown is 25
µA, while operating current is
4.5mA.
s
1A, 0.5
Ω, 30V Internal Switch
s
Operates with VIN as Low as 1.5V
s
600kHz Fixed Frequency Operation
s
Low-Battery Detector Stays Active in Shutdown
s
Low VCESAT Switch: 410mV at 800mA
s
Pin-for-Pin Compatible with the LT1317B
s
Small 8-Lead MSOP and SO Packages
s
LCD Bias Supplies
s
GPS Receivers
s
Battery Backup
s
Portable Electronic Equipment
s
Diagnostic Medical Instrumentation
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. 3.3V to 10V/175mA DC/DC Converter
Figure 2. 3.3V to 10V Converter Efficiency
LOAD CURRENT (mA)
90
80
70
60
50
40
30
20
5
100
50
300
1949 F02
10
VOUT = 10V
3VIN
3.6VIN 4.2VIN
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1949

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1949 LINER-LT1949 Datasheet
172Kb / 8P
600kHz, 1A Switch PWM DC/DC Converter
LT1949-1 LINER-LT1949-1 Datasheet
173Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
LT1949-1 LINER-LT1949-1 Datasheet
178Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
LT1949-1EMS8 LINER-LT1949-1EMS8 Datasheet
173Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
LT1949-1 LINER-LT1949-1_15 Datasheet
178Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
More results

Similar Description - LT1949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Linear Technology
LT1949-1 LINER-LT1949-1 Datasheet
173Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Linear Technology
LT1949 LINER-LT1949_15 Datasheet
172Kb / 8P
600kHz, 1A Switch PWM DC/DC Converter
LT1949-1 LINER-LT1949-1_15 Datasheet
178Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com