Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75512 Datasheet(PDF) 21 Page - NEC

Part # UPD75512
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512 Datasheet(HTML) 21 Page - NEC

Back Button UPD75512 Datasheet HTML 17Page - NEC UPD75512 Datasheet HTML 18Page - NEC UPD75512 Datasheet HTML 19Page - NEC UPD75512 Datasheet HTML 20Page - NEC UPD75512 Datasheet HTML 21Page - NEC UPD75512 Datasheet HTML 22Page - NEC UPD75512 Datasheet HTML 23Page - NEC UPD75512 Datasheet HTML 24Page - NEC UPD75512 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
µPD75512(A)
21
5.3
CLOCK OUTPUT CIRCUIT
The clock output circuit outputs clock pulse from the P22/PCL pin. This clock pulse is used for the remote control
output, peripheral LSIs, etc.
• Clock output (PCL):
Φ, 524 kHz, 262 kHz, 65.5 kHz (operating at 4.19 MHz)
Fig. 5-2 Clock Output Circuit Configuration
Remarks:
A measures to prevent outputting narrow width pulse when selecting clock output enable/
disable is taken.
Selector
Output
buffer
PCL/P22
Bit 2 of PMGB
PORT2.2
Port 2 input/
output mode
specification
bit
P22 output
latch
Internal bus
CLOM3 CLOM2 CLOM1 CLOM0 CLOM
4
Φ
fX/23
fX/24
fX/26
From the
clock
generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com