Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1959CS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1959CS8
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1959CS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1959CS8 Datasheet HTML 14Page - Linear Technology LT1959CS8 Datasheet HTML 15Page - Linear Technology LT1959CS8 Datasheet HTML 16Page - Linear Technology LT1959CS8 Datasheet HTML 17Page - Linear Technology LT1959CS8 Datasheet HTML 18Page - Linear Technology LT1959CS8 Datasheet HTML 19Page - Linear Technology LT1959CS8 Datasheet HTML 20Page - Linear Technology LT1959CS8 Datasheet HTML 21Page - Linear Technology LT1959CS8 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LT1959
APPLICATIONS INFORMATION
formulas show how to calculate each of these losses.
These formulas assume continuous mode operation, so
they should not be used for calculating efficiency at light
load currents.
Switch loss:
P
RI
V
V
ns I
V
f
SW
SW OUT
OUT
IN
OUT
IN
=
() ( )
+
()( )( )
2
24
Boost current loss:
P
VI
V
BOOST
OUT
OUT
IN
=
()
2
50
/
Quiescent current loss:
PV
V
V
V
Q
IN
OUT
OUT
IN
=
()+ ()+

()
0 001
0 005
0 002
2
..
.
RSW = Switch resistance (≈ 0.07)
24ns = Equivalent switch current/voltage overlap time
f = Switch frequency
Example: with VIN = 10V, VOUT = 5V and IOUT = 3A:
P
W
PW
PW
SW
BOOST
Q
= (
)() ()
+ 
()( )
=+
=
= () (
)
=
=
()+ ()+() ( ) =
−
007 3
5
10
24 10
3 10 500 10
0 32
0 36
0 68
53 50
10
015
10 0 001
5 0 005
5
0 002
10
004
2
93
2
2
.
••
..
.
/
.
..
.
.
Total power dissipation is 0.68 + 0.15 + 0.04 = 0.87W.
Thermal resistance for LT1959 package is influenced by
the presence of internal or backside planes. With a full
plane under the SO package, thermal resistance will be
about 80
°C/W. No plane will increase resistance to about
120
°C/W. To calculate die temperature, use the proper
thermal resistance number for the desired package and
add in worst-case ambient temperature:
TJ = TA + θJA (PTOT)
With the SO-8 package (
θJA = 80°C/W), at an ambient
temperature of 50
°C,
TJ = 50 + 80 (0.87) = 120°C
Die temperature is highest at low input voltage, so use
lowest continuous input operating voltage for thermal
calculations.
FREQUENCY COMPENSATION
Loop frequency compensation of switching regulators
can be a rather complicated problem because the reactive
components used to achieve high efficiency also
introduce multiple poles into the feedback loop. The
inductor and output capacitor on a conventional step-
down converter actually form a resonant tank circuit that
can exhibit peaking and a rapid 180
° phase shift at the
resonant frequency. By contrast, the LT1959 uses a “cur-
rent mode” architecture to help alleviate phase shift cre-
ated by the inductor. The basic connections are shown in
Figure 9. Figure 10 shows a Bode plot of the phase and gain
of the power section of the LT1959, measured from the VC
pin to the output. Gain is set by the 5.3A/V transconduc-
tance of the LT1959 power section and the effective
complex impedance from output to ground. Gain rolls off
smoothly above the 600Hz pole frequency set by the
100
µF output capacitor. Phase drop is limited to about
70
°. Phase recovers and gain levels off at the zero fre-
quency (
≈16kHz) set by capacitor ESR (0.1Ω).
Figure 9. Model for Loop Response
1.21V
VSW
VC
LT1959
GND
1959 F09
R1
OUTPUT
ESR
CF
CC
RC
ERROR
AMPLIFIER
FB
R2
C1
CURRENT MODE
POWER STAGE
gm = 5.3A/V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com