Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT2179CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT2179CS
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT2179CS Datasheet HTML 4Page - Linear Technology LT2179CS Datasheet HTML 5Page - Linear Technology LT2179CS Datasheet HTML 6Page - Linear Technology LT2179CS Datasheet HTML 7Page - Linear Technology LT2179CS Datasheet HTML 8Page - Linear Technology LT2179CS Datasheet HTML 9Page - Linear Technology LT2179CS Datasheet HTML 10Page - Linear Technology LT2179CS Datasheet HTML 11Page - Linear Technology LT2179CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT 2178/LT 2179
APPLICATIONS INFORMATION
Please see the LT2078/LT2079 data sheet for applications
information. All comments relating to specifications, single
supply operation and phase reversal protection are di-
rectly applicable to the LT2178/LT2179.
Micropower 100Hz to 1MHz V-to-F Converter
+
+
+
+
VIN
0V TO 5V
220k*
50k
1MHz
TRIM
100Hz TRIM
240k TYP
2k
2
µF
0.33
µF
S1
D1
D2
S2
S3
D3
D4
S4
0.022
µF
500pF
POLYSTYRENE
3pF
0.01
µF
47k
Q8
2N3906
12k
1.5M
NC
Q7
2N3904
74C14
1N1
1N3
1N4
1N2
GND
V
V +
FOUT
RESET
VSS
VDD
CLK
Q7
CD4024
1
µF
1N4148
1
µF
100
A2
1/2 LT2178
10k
7V TO 10V
100k
LT1004-2.5
LTC
®201
A1
1/2 LT2178
LT2178/79 • TA03
10M
LINEARITY IS 0.02%
QUIESCENT CURRENT IS 90
µA
SUPPLY CURRENT IS 360
µA AT 1MHz
DRIFT = 50ppm/
°C
*TRWMTR/5 + 120ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com