Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1046M Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1046M
Description  ?쏧nductorless??5V to 5V Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1046M Datasheet(HTML) 4 Page - Linear Technology

  LTC1046M Datasheet HTML 1Page - Linear Technology LTC1046M Datasheet HTML 2Page - Linear Technology LTC1046M Datasheet HTML 3Page - Linear Technology LTC1046M Datasheet HTML 4Page - Linear Technology LTC1046M Datasheet HTML 5Page - Linear Technology LTC1046M Datasheet HTML 6Page - Linear Technology LTC1046M Datasheet HTML 7Page - Linear Technology LTC1046M Datasheet HTML 8Page - Linear Technology LTC1046M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1046
4
AMBIENT TEMPERATURE (
°C)
–55
26
30
32
34
36
38
40
25
50
100
125
1046 G11
28
–25
0
75
V+ = 5V
COSC = 0pF
AMBIENT TEMPERATURE (
°C)
0
1
10
100
14
5
7
1046 G10
23
6
TA = 25°C
COSC = 0pF
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEST CIRCUIT
Figure 1
S
APPLICATI
I FOR ATIO
Theory of Operation
To understand the theory of operation of the LTC1046, a
review of a basic switched capacitor building block is
helpful.
In Figure 2, when the switch is in the left position, capacitor
C1 will charge to voltage V1. The total charge on C1 will be
q1 = C1V1. The switch then moves to the right, discharg-
ing C1 to voltage V2. After this discharge time, the charge
on C1 is q2 = C1V2. Note that charge has been transferred
from the source, V1, to the output, V2. The amount of
charge transferred is:
∆q = q1 – q2 = C1(V1 – V2).
If the switch is cycled “f” times per second, the charge
transfer per unit time (i.e., current) is:
I = f •
∆q = f • C1(V1 – V2).
Figure 2. Switched Capacitor Building Block
Oscillator Frequency as a
Oscillator Frequency vs
Function of Supply Voltage
Temperature
(Using Test Circuit in Figure 1)
COSC
EXTERNAL
OSCILLATOR
C2
10
µF
VOUT
V+ (5V)
RL
IS
IL
1046 F01
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP –
LTC1046
C1
10
µF
+
C1
f
C2
1046 F02
V2
V1
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com