Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1PB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES1PB
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1PB Datasheet(HTML) 2 Page - Vishay Siliconix

  ES1PB Datasheet HTML 1Page - Vishay Siliconix ES1PB Datasheet HTML 2Page - Vishay Siliconix ES1PB Datasheet HTML 3Page - Vishay Siliconix ES1PB Datasheet HTML 4Page - Vishay Siliconix ES1PB Datasheet HTML 5Page - Vishay Siliconix ES1PB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ES1PB, ES1PC, ES1PD
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
2
Document Number: 88918
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL is
measured at the terminal of cathode band. RJC is measured at the top center of the body
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous
forward voltage
IF = 0.6 A
TJ = 25 °C
VF (1)
0.865
V
IF = 1 A
0.920
Maximum reverse current at
rated VR
TJ = 25 °C
IR (2)
5.0
μA
TJ = 125 °C
500
Maximum reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
15
ns
Typical reverse recovery time
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
trr
25
ns
TJ = 100 °C
30
Typical stored charge
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
Qrr
8
nC
TJ = 100 °C
10
Typical junction capacitance
4.0 V, 1 MHz
CJ
10
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES1PB
ES1PC
ES1PD
UNIT
Typical thermal resistance
RJA (1)
105
°C/W
RJL (1)
15
RJC (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ES1PB-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
ES1PB-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
ES1PBHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
ES1PBHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com