Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE20AFB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SE20AFB
Description  Surface Mount ESD Capability Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SE20AFB Datasheet(HTML) 2 Page - Vishay Siliconix

  SE20AFB Datasheet HTML 1Page - Vishay Siliconix SE20AFB Datasheet HTML 2Page - Vishay Siliconix SE20AFB Datasheet HTML 3Page - Vishay Siliconix SE20AFB Datasheet HTML 4Page - Vishay Siliconix SE20AFB Datasheet HTML 5Page - Vishay Siliconix SE20AFB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SE20AFB thru SE20AFJ
www.vishay.com
Vishay General Semiconductor
Revision: 20-Nov-13
2
Document Number: 89954
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended PCB, 1 oz. pad area; thermal resistance RJA - junction to ambient
(2) Mounted on 5.0 mm x 5.0 mm pad areas, 2 oz. FR4 PCB; RJM - junction to mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1.0 A
TA = 25 °C
VF (1)
0.91
-
V
IF = 2.0 A
0.96
1.1
IF = 1.0 A
TA = 125 °C
0.79
-
IF = 2.0 A
0.86
0.98
Reverse current
Rated VR
TA = 25 °C
IR (2)
-5.0
μA
TA = 125 °C
8
100
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
1.2
-
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
12
-
pF
THERMAL CHARACTERISTICS (TA = 25 °c unless otherwise noted)
PARAMETER
SYMBOL
SE20AFB
SE20AFD
SE20AFG
SE20AFJ
UNIT
Typical thermal resistance
RJA (1)
125
°C/W
RJM (2)
12
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body model (contact mode)
C = 100 pF, R = 1.5 k
VC
H3B
> 8 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SE20AFJ-M3/6A
0.032
6A
3500
7" diameter plastic tape and reel
SE20AFJ-M3/6B
0.032
6B
14 000
13" diameter plastic tape and reel
SE20AFJHM3/6A (1)
0.032
6A
3500
7" diameter plastic tape and reel
SE20AFJHM3/6B (1)
0.032
6B
14 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com