Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSA5U50 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSSA5U50
Description  5A, 50V - 60V Trench Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSA5U50 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSSA5U50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSA5U50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSA5U50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSA5U50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSA5U50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Note 1: "XX" defines voltage from 50V (TSSA5U50) to 60V (TSSA5U60)
Note 2: Whole series with green compound
28
Document Number: DS_D1412006
Version: C15
PART NO.
TSSA5U60
EXAMPLE
PREFERRED
PART NO.
ORDERING INFORMATION
PART NO.
PACKING CODE
TSSA5UXX
(Note 1, 2)
E3
E2
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
TSSA5U60 E3G
TSSA5U50 - TSSA5U60
Taiwan Semiconductor
G
PACKING CODE
SUFFIX
Clip SMA
Clip SMA
PACKAGE
7,500 / 13" Plastic reel
1,800 / 7" Plastic reel
PACKING
E3
PACKING CODE
G
PACKING CODE
SUFFIX
Green compound
DESCRIPTION
0
1
2
3
4
5
6
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
TSSA5U60
TSSA5U50
WITH HEATSINK
5mm x 5mm
Cu-pad
FIG. 1 FORWARD CURRENT DERATING CURVE
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
FORWARD VOLTAGE (V)
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
TSSA5U50
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
FORWARD VOLTAGE (V)
TSSA5U60
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TSSA5U50
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
FIG. 4 TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com