Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSE3H45 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSSE3H45
Description  3A, 45V - 60V Trench Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSE3H45 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSSE3H45 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Note 1: "XX" defines voltage from 45V (TSSE3H45) to 60V (TSSE3H60)
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Document Number: DS_D0000009
Version: A15
TSSE3H45HC0G
TSSE3H45
H
C0
G
AEC-Q101 qualified
Green compound
Note 2: Whole series with green compound (halogen-free)
EXAMPLE
PREFERRED
PART NO.
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
TSSE3HXX
(Note 1, 2)
H
RV
G
SOD123HE
3,000 / 7" Reel
RQ
SOD123HE
10,000 / 13" Reel
TSSE3H45 - TSSE3H60
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
TSSE3H45
TJ=125oC
TJ=100oC
TJ=25oC
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.4 TYPICAL REVERSE CHARACTERISTICS
TJ=150oC
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
TJ=125oC
TJ=100oC
TJ=25oC
TSSE3H45
FORWARD VOLTAGE (V)
FIG.2 TYPICAL FORWARD CHARACTERISTICS
TJ=150oC
0
1
2
3
4
50
75
100
125
150
WITH HEATSINK
5mm x 5mm PAD
PCB
FIG.1 FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (oC)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
TSSE3H60
TJ=125oC
TJ=100oC
TJ=25oC
FIG.3 TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE (V)
TJ=150oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com