Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-6C Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1069-6C
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6C Datasheet(HTML) 8 Page - Linear Technology

  LTC1069-6C Datasheet HTML 1Page - Linear Technology LTC1069-6C Datasheet HTML 2Page - Linear Technology LTC1069-6C Datasheet HTML 3Page - Linear Technology LTC1069-6C Datasheet HTML 4Page - Linear Technology LTC1069-6C Datasheet HTML 5Page - Linear Technology LTC1069-6C Datasheet HTML 6Page - Linear Technology LTC1069-6C Datasheet HTML 7Page - Linear Technology LTC1069-6C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1069-6
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 1196 7K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATIONS
Single 5V Operation with Power Shutdown
RELATED PARTS
PART NUMBER
DESCRIPTON
COMMENTS
LTC1068
Very Low Noise, High Accuracy, Quad Universal Filter Building Block
User-Configurable, SSOP Package
LTC1069-1
Low Power, Progressive Elliptic LPF
fCLK/fC Ratio 100:1, 8-Pin SO Package
LTC1164-5
Low Power 8th Order Butterworth LPF
fCLK/fC Ratio 100:1 and 50:1
LTC1164-6
Low Power 8th Order Elliptic LPF
fCLK/fC Ratio 100:1 and 50:1
LTC1164-7
Low Power 8th Order Linear Phase LPF
fCLK/fC Ratio 100:1 and 50:1
Single 3V Supply Operation with Output Buffer
1
2
3
4
8
7
6
5
VOUT
V –
NC
CLK
AGND
V+
NC
VIN
0.1
µF
0.47
µF
ON SHUTDOWN
5V
VIN
VOUT
1069-6 TA03
LTC1069-6
fCLK ≤
750kHz
5V
0V
1
2
3
4
8
7
6
5
VOUT
V –
NC
CLK
AGND
V+
NC
VIN
0.1
µF
0.47
µF
VIN
VOUT
1069-6 TA04
LTC1069-6
fCLK
500kHz
3.3V
0V
–
+
1/2 LT1366
3.3V
0.1
µF
5
6
8
4
7
Single 3V Supply Voice Band Lowpass Filter with Rail-to-Rail Input and Output
1
2
3
4
8
7
6
5
VOUT
V –
NC
CLK
AGND
V+
NC
VIN
0.1
µF
1
µF 3V
3V
10k
40.2k
1069-6 TA05
LTC1069-6
170kHz
5
6
2
3
7
8
–
+
1/2 LT1366
0.1
µF
40.2k
1
4
–
+
1/2 LT1366
270pF
10k
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com