Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG06C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG06C
Description  Glass Passivated Ultra Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG06C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG06C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG06C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UG06C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UG06C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- Ulterafast recovery time for high efficiency
- Excellent high temperature switching
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
ns
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1407024
Version: E14
28
97
OC/W
50
100
150
200
0.95
15
150
200
25
70
105
140
UG06A
UG06B
UG06C
UG06D
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
- ldeally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
Typical junction capacitance (Note 3)
Operating junction temperature range
- 55 to +150
9
Typical thermal resistance
RθJL
RθJA
Maximum reverse current @ rated VR TJ=25
oC
TJ=125
oC
IR
5
μA
150
Maximum reverse recovery time (Note 2)
A
Maximum instantaneous forward voltage (Note 1)
@ 0.6 A
VF
V
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.6
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
50
100
UNIT
MECHANICAL DATA
Case:
TS-1
TS-1
Weight:
0.2g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
UG06A thru UG06D
Taiwan Semiconductor
Glass Passivated Ultra Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - UG06C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG06C GE-UG06C Datasheet
51Kb / 2P
MINIATURE ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
UG06C TSC-UG06C Datasheet
67Kb / 2P
0.6 AMP. Ultrafast Plastic Rectifiers
UG06C TSC-UG06C Datasheet
247Kb / 2P
0.6 AMP. Glass Passivated Super Fast Rectifiers
logo
Vishay Siliconix
UG06C VISHAY-UG06C Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
UG06C VISHAY-UG06C Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
More results

Similar Description - UG06C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
UG1007 LITEON-UG1007 Datasheet
35Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
UF1001G CTC-UF1001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF2001G CTC-UF2001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001G CTC-UF3001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
GUS5A CTC-GUS5A Datasheet
203Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF1001G CTC-UF1001G_15 Datasheet
54Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF2001G CTC-UF2001G_15 Datasheet
53Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
MUR405EG HY-MUR405EG_17 Datasheet
137Kb / 3P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001EG HY-UF3001EG Datasheet
433Kb / 3P
Ultra Fast Glass Passivated Rectifiers
MUR405EG HY-MUR405EG_V01 Datasheet
415Kb / 3P
Ultra Fast Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com