Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1091 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1091
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091 Datasheet(HTML) 5 Page - Linear Technology

  LTC1091 Datasheet HTML 1Page - Linear Technology LTC1091 Datasheet HTML 2Page - Linear Technology LTC1091 Datasheet HTML 3Page - Linear Technology LTC1091 Datasheet HTML 4Page - Linear Technology LTC1091 Datasheet HTML 5Page - Linear Technology LTC1091 Datasheet HTML 6Page - Linear Technology LTC1091 Datasheet HTML 7Page - Linear Technology LTC1091 Datasheet HTML 8Page - Linear Technology LTC1091 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC1091/LTC1092
LTC1093/LTC1094
Change in Full-Scale Error vs
Temperature
AMBIENT TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
50
1091/2/3/4 G01
–25
0
25
75
125
100
VCC (VREF) = 5V
fCLK = 500kHz
Change in Offset Error vs
Temperature
AMBIENT TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
50
1091/2/3/4 G03
–25
0
25
75
125
100
VCC (VREF) = 5V
fCLK = 500kHz
AMBIENT TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
50
1091/2/3/4 G02
–25
0
25
75
125
100
VCC (VREF) = 5V
fCLK = 500kHz
Change in Linearity Error vs
Temperature
AMBIENT TEMPERATURE (
°C)
–50
600
500
400
300
200
100
0
50
1091/2/3/4 G05
–25
0
25
75
125
100
VCC = 5V
MSB-FIRST DATA
LSB-FIRST DATA
Digital Input Logic Threshold vs
Supply Voltage
DOUT Delay Time vs Temperature
DOUT Delay Time vs
Supply Voltage
SUPPLY VOLTAGE (V)
4
5
67
8
1091/2/3/4 G06
910
TA = 25°C
600
500
400
300
200
100
0
MSB-FIRST DATA
LSB-FIRST DATA
SUPPLY VOLTAGE (V)
4
4
3
2
1
0
5
67
8
1091/2/3/4 G04
910
TA = 25°C
Maximum Clock Rate vs
Temperature
AMBIENT TEMPERATURE (
°C)
–50
3.0
2.5
2.0
1.5
1.0
0.5
0
50
1091/2/3/4 G07
–25
0
25
75
125
100
VCC = 5V
Maximum Clock Rate vs
Supply Voltage
AMBIENT TEMPERATURE (
°C)
–50
0.3
0.25
0.20
0.15
0.10
0.05
0
50
1091/2/3/4 G09
–25
0
25
75
125
100
VCC = 5V
Minimum Clock Rate vs
Temperature
SUPPLY VOLTAGE (V)
4
5
67
8
1091/2/3/4 G08
910
TA = 25°C
3.0
2.5
2.0
1.5
1.0
0.5
0
*MAXIMUM CLK FREQUENCY REPRESENTS THE HIGHEST FREQUENCY AT WHICH CLK CAN
BE OPERATED (WITH 50% DUTY CYCLE) WHILE STILL PROVIDING 100ns SETUP TIME FOR
THE DEVICE RECEIVING THE DOUT DATA.
**AS THE CLK FREQUENCY IS DECREASED FROM 500kHz, MINIMUM CLK FREQUENCY
(
∆ERROR ≤ 0.1LSB) REPRESENTS THE FREQUENCY AT WHICH A 0.1LSB SHIFT IN ANY
CODE TRANSITION FROM ITS 500kHz VALUE IS FIRST DETECTED.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com