Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1098L Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1098L
Description  Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098L Datasheet(HTML) 6 Page - Linear Technology

  LTC1098L Datasheet HTML 1Page - Linear Technology LTC1098L Datasheet HTML 2Page - Linear Technology LTC1098L Datasheet HTML 3Page - Linear Technology LTC1098L Datasheet HTML 4Page - Linear Technology LTC1098L Datasheet HTML 5Page - Linear Technology LTC1098L Datasheet HTML 6Page - Linear Technology LTC1098L Datasheet HTML 7Page - Linear Technology LTC1098L Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1096L/LTC1098L
TEST CIRCUITS
Voltage Waveforms for ten
LTC1096/98 • TC06
CS
tWAKEUP
LTC1096L
1
CLK
DOUT
ten
B7
VOL
123
4
5
LTC1098L
DIN
CLK
DOUT
START
ten
B7
LTC1096/98 • TC07
CS
VOL
S
APPLICATI
I FOR ATIO
INPUT DATA WORD
The LTC1096L requires no DIN word. It is permanently
configured to have a single differential input. The conver-
sion result, in which the output on the DOUT line is
presented in MSB-first sequence followed by LSB se-
quence, provides easy interface to MSB- or LSB-first
serial ports.
The LTC1098L latches data into the DIN input on the rising
edge of the clock. The input data words are defined as
follows:
Start Bit
The first “logical one” clocked into the DIN input after CS
goes low is the start bit. The start bit initiates the data
transfer. The LTC1098L will ignore all leading zeroes
which precede this logical one. After the start bit is
received, the remaining bits of the input word will be
clocked in. Further inputs on the DIN pin are then ignored
until the next CS cycle.
Multiplexer (MUX) Address
The bits of the input word following the START bit assign
the MUX configuration for the requested conversion. For
a given channel selection, the converter will measure the
voltage between the two channels indicated by the “+” and
“–” signs in the selected row of the following tables. In
SGL/
DIFF
ODD/
SIGN
MSBF
START
MUX
ADDRESS
MSB-FIRST/
LSB-FIRST
LTC1096/9 • AI01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com