Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1143 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1143
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143 Datasheet(HTML) 2 Page - Linear Technology

  LTC1143 Datasheet HTML 1Page - Linear Technology LTC1143 Datasheet HTML 2Page - Linear Technology LTC1143 Datasheet HTML 3Page - Linear Technology LTC1143 Datasheet HTML 4Page - Linear Technology LTC1143 Datasheet HTML 5Page - Linear Technology LTC1143 Datasheet HTML 6Page - Linear Technology LTC1143 Datasheet HTML 7Page - Linear Technology LTC1143 Datasheet HTML 8Page - Linear Technology LTC1143 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1143/LTC1143L
LTC1143L-ADJ
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (Pins 5,13) ............... 16V to –0.3V
Continuous Output Current (Pins 4,12) ................ 50mA
Sense Voltages (Pins 1, 8, 9, 16)
VIN ≥ 12.7V .......................................... 13V to –0.3V
VIN < 12.7V .............................. (VIN + 0.3V) to – 0.3V
Shutdown Voltage
(LTC1143, LTC1143L, Pins 2, 10)...........7V to – 0.3V
VFB Current (LTC1143L-ADJ, Pins 2, 10) ............... 1mA
Operating Temperature Range
Ambient .................................................. 0
°C to 70°C
Extended Commercial (Note 4) ........... –40
°C to 85°C
Junction Temperature (Note 1) ............................. 125
°C
Storage Temperature Range .................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1143CS
LTC1143LCS
ORDER PART
NUMBER
LTC1143LCS-ADJ
TJMAX = 125°C, θJA = 95°C/W
ELECTRICAL CHARACTERISTICS T
A = 25°C, VIN = 10V unless otherwise noted.
Consult factory for Industrial and Military grade parts.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V2, V10
Feedback Voltage (LTC1143L-ADJ)
VIN = 9V
q
1.21
1.25
1.29
V
I2, I10
Feedback Current (LTC1143L-ADJ)
q
0.2
1
µA
VOUT
Regulated Output Voltage (LTC1143/LTC1143L)
VIN3, VIN5 = 9V, V2 = V10 = 0V
3.3V Output
ILOAD = 700mA
q
3.23
3.33
3.43
V
5V Output
ILOAD = 700mA
q
4.90
5.05
5.20
V
∆VOUT
Output Voltage Line Regulation
VIN = 7V to 12V, ILOAD = 50mA
–40
0
40
mV
Output Voltage Load Regulation
V2 = V10 = 0V
LTC1143/LTC1143L
3.3V Output
5mA < ILOAD < 2.0A
q
40
65
mV
5V Output
5mA < ILOAD < 2.0A
q
60
100
mV
Output Ripple (Burst Mode)
ILOAD = 0A
50
mVP-P
I5, I13
Input DC Supply Current (Note 2)
LTC1143:
Normal Mode
V2 = V10 = 0V, 4V < VIN < 12V
1.6
2.1
mA
Sleep Mode
V2 = V10 = 0V, 4V < VIN3 < 12V, 6V < VIN5 < 12V
160
230
µA
Shutdown
V2 = V10 = 2.1V, 4V < VIN < 12V
10
20
µA
LTC1143L:
Normal Mode
V2 = V10 = 0V, 3.5V < VIN < 12V
1.6
2.1
mA
Sleep Mode
V2 = V10 = 0V, 3.5V < VIN3 < 12V, 6V < VIN5 < 12V
160
230
µA
Shutdown
V2 = V10 = 2.1V, 3.5V < VIN < 12V
10
20
µA
LTC1143L-ADJ: Normal Mode
3.5V < VIN < 12V
1.6
2.1
mA
Sleep Mode
3.5V < VIN < 12V, VOUT ≤ 3.3V
160
230
µA
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SENSE+1
VFB1
GND1
P-DRIVE 1
VIN2
CT2
ITH2
SENSE–2
SENSE–1
ITH1
CT1
VIN1
P-DRIVE 2
GND2
VFB2
SENSE+2
TJMAX = 125°C, θJA = 95°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SENSE+3
SHUTDOWN 3
GND3
P-DRIVE 3
VIN5
CT5
ITH5
SENSE–5
SENSE–3
ITH3
CT3
VIN3
P-DRIVE 5
GND5
SHUTDOWN 5
SENSE+5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com