Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1100AM Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1100AM
Description  Precision, Chopper-Stabilized Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100AM Datasheet(HTML) 6 Page - Linear Technology

  LTC1100AM Datasheet HTML 1Page - Linear Technology LTC1100AM Datasheet HTML 2Page - Linear Technology LTC1100AM Datasheet HTML 3Page - Linear Technology LTC1100AM Datasheet HTML 4Page - Linear Technology LTC1100AM Datasheet HTML 5Page - Linear Technology LTC1100AM Datasheet HTML 6Page - Linear Technology LTC1100AM Datasheet HTML 7Page - Linear Technology LTC1100AM Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1100
6
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Large-Signal Transient Response
Small-Signal Transient Response
Overload Recovery
G = 100, VS = ±5V
G = 100, VS = ±5V
G = 100, VS = ±5V
8-Pin DIP (16-Pin SO)
Pin 1 (2) GND REF: Connect to system ground. This sets
the zero reference for the internal op amps.
Pin 2 (4) CMRR: This pin tailors the gain of the internal
amplifiers to maximize AC CMRR. For applications which
emphasize CMRR requirements, connect a 100k resistor
and a 10pF capacitor in series from CMRR to ground. See
the Applications section.
Pin 3 (6) –VIN: Inverting Input.
Pin 4 (7) V– : Negative Supply.
Pin 5 (10) V+: Positive Supply.
Pin 6 (11) VIN: Noninverting Input.
Pin 7 (13) COMP: This pin reduces the bandwidth of the
internal amplifiers for applications at or near DC. Clock
feedthrough from the internal sampling clock can also be
suppressed by using the COMP pin. The standard com-
pensation circuit is a capacitor from COMP to VOUT, sized
to provide an RC pole with the internal 247k resistor
(22.5k for LTC1100CS in gain-of-10 mode). See the
Applications section.
Pin 8 (15) VOUT: Signal Output.
16-Pin SO Package Only
(3) G = 10: Short to pin (2) for gain of 10. Leave
disconnected for gain of 100.
(14) G = 10: Short to pin (15) for gain of 10. Leave
disconnected for gain of 100.
NOTE:
Both pins must be shorted or open to provide
correct gain.
(1),(5),(8),(9),(12),(16) NC: No Internal Connection.
Large-Signal Transient Response
Small-Signal Transient Response
Overload Recovery
G = 10 (LTC1100CS Only), VS = ±5V
G = 10 (LTC1100CS Only), VS = ±5V
G = 10 (LTC1100CS Only), VS = ±5V
1
µs/DIV
LTC1100 • TPC18
LTC1100 • TPC16
10
µs/DIV
2V/DIV
10
µs/DIV
LTC1100 • TPC17
50ms/DIV
10
µs/DIV
LTC1100 • TPC13
10
µs/DIV
LTC1100 • TPC14
5
µs/DIV
LTC1100 • TPC15
1V/DIV
2V/DIV
50mV/DIV
2V/DIV
2V/DIV
1V/DIV
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com