Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1144CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1144CS8
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1144CS8 Datasheet HTML 1Page - Linear Technology LTC1144CS8 Datasheet HTML 2Page - Linear Technology LTC1144CS8 Datasheet HTML 3Page - Linear Technology LTC1144CS8 Datasheet HTML 4Page - Linear Technology LTC1144CS8 Datasheet HTML 5Page - Linear Technology LTC1144CS8 Datasheet HTML 6Page - Linear Technology LTC1144CS8 Datasheet HTML 7Page - Linear Technology LTC1144CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1144
S
APPLICATI
TYPICAL
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1994
LT/GP 0494 10K • PRINTED IN USA
Regulated –5V Output Voltage
Figure 12 shows a regulated –5V output with a 9V input.
With a 0mA to 5mA load current, the ROUT is below 20Ω.
Paralleling for Lower Output Resistance
Additional flexibility of the LTC1144 is shown in Figure 13.
Two LTC1144s are connected in parallel to provide a lower
effective output resistance. However, if the output resis-
tance is dominated by 1/(f
× C1), increasing the capacitor
size (C1) or increasing the frequency will be of more
benefit than the paralleling circuit shown.
Figure 12. A Regulated – 5V Supply
1
2
3
4
8
7
6
5
+
1
µF
100
µF
–5V
9V
36k
300k
1144 F12
LTC1144
2N2369
Figure 13. Paralleling for Lower Output Resistance
VOUT = –(V
+)
V+
C1
10
µF
C2
20
µF
1144 F13
1
2
3
4
8
7
6
5
LTC1144
+
C1
10
µF
1/4 CD4077*
* THE EXCLUSIVE NOR GATE
SYNCHRONIZES BOTH LTC1144s
TO MINIMIZE RIPPLE
1
2
3
4
8
7
6
5
LTC1144
+
PACKAGE DESCRIPTION Dimemsions in inches (millimeters) unless otherwise noted.
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
S8 Package
8-Lead Plastic SOIC
N8 Package
8-Lead Plastic DIP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com