Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1153C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1153C
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153C Datasheet(HTML) 2 Page - Linear Technology

  LTC1153C Datasheet HTML 1Page - Linear Technology LTC1153C Datasheet HTML 2Page - Linear Technology LTC1153C Datasheet HTML 3Page - Linear Technology LTC1153C Datasheet HTML 4Page - Linear Technology LTC1153C Datasheet HTML 5Page - Linear Technology LTC1153C Datasheet HTML 6Page - Linear Technology LTC1153C Datasheet HTML 7Page - Linear Technology LTC1153C Datasheet HTML 8Page - Linear Technology LTC1153C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1153
LTC1153C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage
q
4.5
18
V
IQ
Quiescent Current OFF
VS = 5V, VIN = 0V
8
20
µA
IQ
Quiescent Current ON
VS = 5V, VIN = 5V
85
120
µA
IQ
Quiescent Current ON
VS =12V, VIN = 5V
180
400
µA
VINH
Input High Voltage
q
2V
VINL
Input Low Voltage
q
0.8
V
IIN
Input Current
0V < VIN < VS
q
±1
µA
CIN
Input Capacitance
5pF
VCT
Timing Capacitor Threshold Voltage
VS = 5V
2.1
2.5
2.9
V
VS = 12V
2.0
2.6
3.2
V
ICT
Timing Capacitor Current
VS = 12V
3.0
4.2
6.0
µA
VSDH
Shutdown Input High Voltage
q
2V
VSDL
Shutdown Input Low Voltage
q
0.8
V
ISD
Shutdown Input Current
0V < VIN < VS
q
±1
µA
VSEN
Drain Sense Threshold Voltage
80
100
120
mV
q
75
100
125
mV
ISEN
Drain Sense Input Current
0V < VSEN < VS
q
±0.1
µA
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ........................................................ 22V
Input Voltage ..................... (VS + 0.3V) to (GND – 0.3V)
Timing Capacitor Voltage ... (VS + 0.3V) to (GND – 0.3V)
Gate Voltage ....................... (VS + 24V) to (GND – 0.3V)
Status Output Voltage .............................................. 15V
Current (Any Pin) .................................................. 50mA
Operating Temperature
LTC1153C .............................................. 0
°C to 70°C
Storage Temperature Range ................. – 65
°c to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
ELECTRICAL CHARACTERISTICS V
S = 4.5V to 18V, TA = 25°C, CT = 0.1µF, VSD = 0V unless otherwise noted.
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
S8 PART MARKING
ORDER PART
NUMBER
LTC1153CN8
TJMAX = 100°C, θJA = 150°C/W
LTC1153CS8
1153
TJMAX = 100°C, θJA = 130°C/W (N8)
1
2
3
4
8
7
6
5
TOP VIEW
IN
TIMING CAP
STATUS
GND
VS
DRAIN SENSE
GATE
SHUTDOWN
N8 PACKAGE
8-LEAD PLASTIC DIP
LTC1153 • PO01
1
2
3
4
8
7
6
5
TOP VIEW
VS
DRAIN SENSE
GATE
SHUTDOWN
TIMING CAP
STATUS
GND
S8 PACKAGE
8-LEAD PLASTIC SOIC
IN
LTC1154 • PO02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com